Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1404ITSTR Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC1404ITSTR
Description  Mobile Multi-Output PWM Controller with Virtual Current SenseTM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1404ITSTR Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC1404ITSTR Datasheet HTML 8Page - Semtech Corporation SC1404ITSTR Datasheet HTML 9Page - Semtech Corporation SC1404ITSTR Datasheet HTML 10Page - Semtech Corporation SC1404ITSTR Datasheet HTML 11Page - Semtech Corporation SC1404ITSTR Datasheet HTML 12Page - Semtech Corporation SC1404ITSTR Datasheet HTML 13Page - Semtech Corporation SC1404ITSTR Datasheet HTML 14Page - Semtech Corporation SC1404ITSTR Datasheet HTML 15Page - Semtech Corporation SC1404ITSTR Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12
 2004 Semtech Corp.
www.semtech.com
SC1404
PRELIMINARY
POWER MANAGEMENT
shown below. The mosfet current is a trapezoid waveform with
values equal to:
2
∆I
I
I
L
LOAD
MIN
−
=
2
∆I
I
I
L
LOAD
MAX
+
=
L
fs
D)
(1
Vo
∆IL
⋅
−
⋅
=
Vin
Vo
D
=
()
2
2
MAX
MAX
MIN
MIN
RMS
I
I
I
I
D
I
+
⋅
+
⋅
=
As input voltage decreases, the duty cycle increases and the ripple
current decrease, and overall the RMS mosfet current will increase.
The conduction losses are then given by the formula below, where
Rds(on) is 18m-ohm for the IRF7413 at room temperature. Note
that Rds(on) increases with temperature.
2
RMS
ds(on)
CONDUCTION
I
R
P
⋅
=
The mosfet switching loss is estimated according to:
G
OUT
S
2
IN
RSS
SWITCHING
I
I
f
V
C
P
⋅
⋅
⋅
=
Crss is the mosfet’s reverse transfer capacitance, 240pF for
IRF7413. Ig is the gate driver current, which is 1A for SC1403.
The mosfet gate drive loss is estimated from:
S
2
G
GATE
f
Vgfs
C
2
1
P
⋅
⋅
⋅
=
Cg is the effective gate capacitance, equal to the Total Gate Charge
divided by VGS, from the vendor datasheet, and is 7.9nF for the
IRF7413. Vgfs is the final gate-source voltage, 5V in this case.
The total mosfet loss is the sum of the three loss components.
GATE
SWITCHING
CONDUCTION
TOTAL_DISS
P
P
P
P
+
+
=
The mosfet dissipation under conditions of 15V input, 6A load,
and ambient temperature of 25C, can be determined as:
DNOM = 0.22
∆IL = 1.26A
IMIN = 5.37A
IMAX = 6.63A
IRMS = 4.88A
Rds(on) (100C) = 18 mohm
PCONDUCTION = 429mW
PSWITCHING = 97mW
PGATE = 30mW
PTOTAL_DISS = 429 + 97 + 30 = 556 mW
The junction temperature rise resulting from the power dissipa-
tion is calculated as:
JA
T
J
θ
P
∆T
⋅
=
P
T is the total device dissipation, and θJA is the package thermal
resistance, which is 50°C/W for the IRf7413. The junction tem-
perature rise is then:
∆T
J = 0.556W
.
50°C/W = 27.8°
This is an acceptable temperature rise, so no special heat sinking
is required.
Designing the Loop
A good loop design is a combination of the power train and com-
pensation design. In the SC1404, the control-to-output/power train
response is dominated by the load impedance, the inductor, out-
put capacitance, and the ESR of the output caps. The low fre-
quency gain is dominated by the output load impedance and the
effective current sense resistor. Inherent to Virtual Current SenseTM,
there is one additional low frequency pole sitting between 100Hz
and 1kHz and a zero between 15kHz and 25kHz. he output of
error amplifier COMP pin is available for external compensation. A
traditional pole-zero-pole compensation is not necessary in the
design using SC1404, a simple high frequency pole is usually
sufficient.
Single-Pole Compensation Method
Given parameters:
Vin = 19V, Vout = 3.3V @ 2.2A,
Output impedance, Ro = 3.3V/2.2A = 1.5 Ω ,
Panasonic SP cap, Co = 180uF, Resr = 15 Ω
m ,
Output inductor, Lo = 4.7uH
Switching frequency, Fs = 300kHz
Simulated Control-to-Output gain & phase response (up to
100kHz) is plotted below.
-50
-40
-30
-20
-10
0
10
20
30
40
50
1.00E+02
1.00E+03
1.00E+04
1.00E+05
f (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com