Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1404ITSTR Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1404ITSTR
Description  Mobile Multi-Output PWM Controller with Virtual Current SenseTM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1404ITSTR Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1404ITSTR Datasheet HTML 5Page - Semtech Corporation SC1404ITSTR Datasheet HTML 6Page - Semtech Corporation SC1404ITSTR Datasheet HTML 7Page - Semtech Corporation SC1404ITSTR Datasheet HTML 8Page - Semtech Corporation SC1404ITSTR Datasheet HTML 9Page - Semtech Corporation SC1404ITSTR Datasheet HTML 10Page - Semtech Corporation SC1404ITSTR Datasheet HTML 11Page - Semtech Corporation SC1404ITSTR Datasheet HTML 12Page - Semtech Corporation SC1404ITSTR Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
 2004 Semtech Corp.
www.semtech.com
SC1404
POWER MANAGEMENT
Detailed Description
The SC1404 is a versatile multiple-output power supply controller
for battery operated systems. The SC1404 provides synchronous
rectified buck control in fixed frequency forced-continuous (PWM)
mode and hysteretic PSAVE mode, for two switching power supplies
over a wide load range. Out of phase switching reduces input
noise and RMS current, which reduces the input filter inductors
and capacitors. The two switchers have on-chip preset output
voltages of 5.0V and 3.3V.
The control circuitry for each PWM controller includes digital
softstart, voltage error amplifier with built-in slope compensation,
pulse width modulator, power save, overcurrent, overvoltage and
undervoltage fault protection. Two linear regulators and a precision
reference voltage are also provided. The 5V/30mA linear regulator
(VL) uses battery power to feed the gate drivers. For improved
efficiency, VL automatically switches over the +5V converter output
if available. The 12V linear regulator supplies up to 200mA.
Semtech’s proprietary Virtual Current SenseTM provides greater
advantages in the aspect of stability and signal-to-noise ratio than
the conventional current sense method.
PWM Control
There are two separate PWM control blocks for each switcher.
They are switched out-of-phase with each other. This interleaved
topology reduces input filter requirements by reducing current
drawn from the filter capacitors. To avoid both switchers switching
at the same instance, there is a built-in delay between the turn-on
of the 3.3V switcher and 5V switcher, the amount of which depends
on the input voltage (see Out-of-Phase Switching).
The PWM provides two modes of control over the entire load range.
The SC1404 operates in forced continuous conduction mode as
a fixed frequency peak current mode controller with falling edge
modulation. Current sense is done differently than in conventional
peak current mode control. Semtech’s proprietary Virtual Current
SenseTM emulates the necessary inductor current information for
proper functioning of the IC. In order to accommodate a wide
range of output filters, a COMP pin is also available for
compensating the error amplifier externally. A nominal error
amplifier gain of 18 improves the system loop gain and the output
transient behavior.
When operating in continuous conduction mode, the high-side
mosfet is turned on at the start of each switching cycle. It is turned
off when the desired duty cycle is reached. Active shoot-through
protection will delay the lower mosfet turn-on until the phase node
drops below 1V. The low-side mosfet remains on until the beginning
of the next switching cycle. Again, active shoot-through protection
ensures that the low-side mosfet gate voltage drops low before
the high-side mosfet turns on.
Under light load conditions when the PSAVE# pin is low, the
SC1404 operates hysteretically in the discontinuous conduction
mode to reduce its switching frequency and switching bias current.
The switching of the output mosfet does not depend on a given
oscillator frequency, but on the hysteretic voltage set around the
nominal output voltage. When entering PSAVE# mode (from heavy
to light load), if the minimum (valley) inductor current measured
at CSHx-CSLx is below the Zero Cross threshold (typically 5 mV) for
four switching cycles, the virtual current sense circuitry will shut off
and the mode changes to hysteretic mode. As the load current
increases, if the minimum (valley) inductor current is above the
threshold for four switching cycles, the converter stops psave mode
and enters PWM operation. The change in frequency between
hysteretic psave and PWM mode provides hysteresis to inhibit
chattering between the two modes of operation.
Gate Drive / Control
The gate drivers on the SC1404 are designed to switch large
mosfets. The high-side gate driver must drive the gate of high-side
mosfet above the V+ input. The supply for the gate drivers is
generated by charging a boostrap capacitor from the VL supply
when the low-side driver is on. In continuous conduction mode,
the low-side driver output that controls the synchronous rectifier
in the power stage is on when the high-side driver is off. Under light
load conditions when PSAVE# pin is low, the inductor ripple current
will approach the point where it reverses polarity. This is detected
by the low-side driver control and the synchronous rectifier is turned
off before the current reverses, preventing energy drain from the
output. The low-side driver operation is also affected by various
fault conditions as described in the Fault Protection section.
Internal Bias Supply
The VL linear regulator is a 5V output that powers the gate drivers,
2.5V reference and internal controls of the SC1404. The regulator
is capable of supplying up to 30mA (including mosfet gate charge
current). The VL pin should be bypassed to GND with 4.7uF to
supply the large gate drive current pulses.
The regulator receives input power from the V+ battery input. Effi-
ciency is improved by providing a bootstrap for the VL output.
When the 5V SMPS output voltage reaches 5V, internal circuitry
turns on a PMOS device between CSL5 and VL. The internal VL
regulator is then disabled, and VL bias is provided by the high
efficiency 5V switcher.
The REF output is accurate to +/- 2% over temperature. It is capable
of delivering 5mA max and should be bypassed with 1uF minimum
capacitor. Loading the REF pin will reduce the REF voltage slightly
as seen in the following table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com