Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1404ITSTR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1404ITSTR
Description  Mobile Multi-Output PWM Controller with Virtual Current SenseTM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1404ITSTR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1404ITSTR Datasheet HTML 7Page - Semtech Corporation SC1404ITSTR Datasheet HTML 8Page - Semtech Corporation SC1404ITSTR Datasheet HTML 9Page - Semtech Corporation SC1404ITSTR Datasheet HTML 10Page - Semtech Corporation SC1404ITSTR Datasheet HTML 11Page - Semtech Corporation SC1404ITSTR Datasheet HTML 12Page - Semtech Corporation SC1404ITSTR Datasheet HTML 13Page - Semtech Corporation SC1404ITSTR Datasheet HTML 14Page - Semtech Corporation SC1404ITSTR Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
 2004 Semtech Corp.
www.semtech.com
SC1404
POWER MANAGEMENT
Reference Circuit Design
The schematic for the reference circuit is shown on page 20. The
reference circuit is configured as follows:
Switching Regulator 1
Vout1 = 3.3V @ 6A
Switching Regulator 2
Vout2 = 5.0V @ 6A
VL Regulator
Vout3 = 5.0V @ 30mA
12V regulator
Vout4 = 12.0V @ 200mA
Input voltage
Vin = 7 to 21V
Designing the Output Filter
Before calculating the filter inductance and capacitance, an
acceptable inductor ripple current is determined. Ripple current
is usually set at 10% to 20% of the maximum load. However,
increasing the ripple current allows for a smaller inductor and will
also quicken the output transient response. In this example, we
set the ripple current to be 25% of maximum load.
A
A
IO
5
.
1
6
%
25
=
×
=
∆
The inductance is found from ripple current, frequency, input
voltage, and output voltage. Minimum required inductance is
found at maximum Vin, where ripple current is the greatest.
uH
Io
F
Vin
Vo
Vo
min
L
18
.
6
)
/
1
(
=
∆
×
−
×
=
For the reference design, the Coiltronics DR127-6R8 is used. This
is acceptable for the 3V output, which uses a simple inductor. The
5V inductor must have a 12V winding with a turns ratio of 2.2:1.
For the 5V inductor, the TTI-8215 from Transpower Technologies
is used, which has 5V inductance of 6.4uH.
To specify the output capacitance, the allowable output ripple
voltage must be determined. Output ripple is often specified at
1% of the output voltage. For the 3.3V output, we selected a
maximum ripple voltage of 33mVp-p. The maximum allowable
ESR would then be:
Ω
=
=
∆
∆
=
m
A
mV
I
V
ESR
O
O
MAX
22
5
.
1
/
33
/
Panasonic SP Polymer Aluminum capacitors are a good choice.
For this design, use one 180uF, 4V device, with ESR of 15m
Ω.
The output capacitor must support the inductor RMS ripple current.
To check the actual ripple versus the capacitor’s RMS rating:
A
A
I
I
O
actual
RMS
43
.
0
12
5
.
1
12
_
=
=
∆
=
This is much less than the capacitor’s ripple rating of 3.3A.
Choosing the Main Switching mosfet
The IRF7143 is used in the reference design. Before choosing the
main (high-side) mosfet, we need to check three parameters: volt-
age, power, and current rating.
The maximum drain to source voltage of the mosfet is mainly
determined by the switcher topology. With a buck topology,
V
21
V
V
MAX
_
IN
MAX
_
DS
=
=
The IRF7413 is a 30V device, which allows for 70% derating at
21V operation.
The mosfet power dissipation has three components: conduction
losses, switching losses, and gate drive losses. The conduction
loss is determined using the RMS mosfet current; the equation is
Q
E
S3
N
O5
N
OT
E
S
E
RN
O
I
T
P
I
R
C
S
E
D
F
E
RW
O
LW
O
L.
S
P
M
S
V
3
.
3
s
w
o
ll
o
F
.f
f
o
s
S
P
M
S
h
t
o
B
.
e
d
o
m
l
o
r
t
n
o
c
t
r
a
t
s
t
n
a
d
n
e
p
e
d
n
I
F
E
RW
O
LH
G
I
H.
w
o
L.
F
F
O
S
P
M
S
V
3
.
3
,
N
O
S
P
M
S
V
5
F
E
RH
G
I
HW
O
L.
S
P
M
S
V
3
.
3
s
w
o
ll
o
F.
F
F
O
S
P
M
S
V
5
,
N
O
S
P
M
S
V
3
.
3
F
E
RH
G
I
HH
G
I
H.
S
P
M
S
V
3
.
3
s
w
o
ll
o
F.
n
o
s
S
P
M
S
h
t
o
B
D
N
GW
O
LX
.
w
o
L.f
f
o
s
S
P
M
S
h
t
o
B
D
N
GH
G
I
HW
O
L
/
H
G
I
He
r
a
s
t
u
p
t
u
o
h
t
o
b
r
e
tf
a
h
g
i
H
.
n
o
it
a
l
u
g
e
r
n
i
,
H
G
I
H
=
5
N
O
fI
.
h
g
i
h
s
e
o
g
3
N
O
n
e
h
w
s
t
r
a
t
s
V
5
.f
f
o
s
i
V
3
,
W
O
L
=
5
N
O
fI
.
n
o
s
i
V
3
L
VW
O
LX
.
w
o
L.f
f
o
s
S
P
M
S
h
t
o
B
L
VH
G
I
HW
O
L
/
H
G
I
He
r
a
s
t
u
p
t
u
o
h
t
o
b
r
e
tf
a
h
g
i
H
.
n
o
it
a
l
u
g
e
r
n
i
,
H
G
I
H
=
5
N
O
fI
.
h
g
i
h
s
e
o
g
3
N
O
n
e
h
w
s
t
r
a
t
s
V
3
.f
f
o
s
i
V
5
,
W
O
L
=
5
N
O
fI
.
n
o
s
i
V
5
Startup Sequence Chart
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com