Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8305SC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RTL8305SC
Description  SINGLE-CHIP 5-PORT 10/100MBPS SWITCH CONTROLLER WITH DUAL MII INTERFACES
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTL8305SC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RTL8305SC Datasheet HTML 1Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 2Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 3Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 160 page
background image
RTL8305SC
Datasheet
5-port 10/100Mbps Single-Chip Dual MII Switch Controller
iii
Track ID: JATR-1076-21 Rev. 1.2
REVISION HISTORY
Revision Release Date Summary
1.0
2004/06/17
First release.
Removed QoS function IPv6 differentiated services and removed Table 147, page 113.
1.1
2004/06/30
Revised LEDMODE[1:0]=00, in Table 4, page 14, Table 7, page 20, Table 19, page 30, and
Table 69, page 59.
Changed four combinations of LED mode to three combinations of LED display mode, page 3.
Corrected section 7.3.10 PHY 2 Register 23: “Port 2 Control Register 1” to “Global Option 1
Register”, page 71.
Revised pull low resister to 1k ohm, Table 5, page 16.
Revised PHY register in Table 64, page 55.
Changed Table 139’s name from PHY 0 to PHY 5, page 87.
Changed Table 140’s name from PHY 8 to PHY 5, page 88.
Add P4PHY_MODE select, in Table 143, page 103.
Corrected Pin52 MTXEN/PRXDV/EN_TRUNK to MTXEN/PRXDV, Pin92
LED_ACT[4]/DISFCAUTOOFF to LED_ACT[4], and Pin115 ENAGBACK/LED_DUP[0] to
LED_DUP[0], in Figure 2, page 7, and Table 1, page 8.
Canceled the description of Pin92 LED_ACT[4]/DISFCAUTOOFF and Pin115
ENAGBACK/LED_DUP[0], section 1, page 2, in Table 9, page 22, and section 8.3.10, page
123.
Reserved PHY 0 Register 18.7 and 18.15, in Table 68, page 58.
Reserved EEPROM Register 4.7, in Table 16, page 28 and Register 5.7, Table 17, page 29.
Corrected QoS based features, section 2, page 4.
Corrected 2SB1188K to 2SB1188 and HVDD18 to DVDD18, in Figure 24, page 132, and
Table 151, page 132.
Corrected “24LC02 must be 1.8Vcompatible” to “24LC02 must be 3.3Vcompatible”, section
8.3.3, page 117.
Corrected TTL Input High Voltage 1.5V to 2.0V and TTL Input Low Voltage 1.0V to 0.8V,
section 9.3, page 134.
Corrected PHY 4 register 18 description, in Table 124, page 81.
1.2
2005/03/02
Add 100Base-TX TD and RD Differential Output Impedance (return loss) columns and delete
10Base-TX TD and RD Differential Output Impedance (return loss) columns, in Section 9.4
AC Characteristics, page 135.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com