Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC604A Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC604A
Description  Low Noise, High Efficiency Regulated White LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC604A Datasheet(HTML) 4 Page - Semtech Corporation

  SC604A Datasheet HTML 1Page - Semtech Corporation SC604A Datasheet HTML 2Page - Semtech Corporation SC604A Datasheet HTML 3Page - Semtech Corporation SC604A Datasheet HTML 4Page - Semtech Corporation SC604A Datasheet HTML 5Page - Semtech Corporation SC604A Datasheet HTML 6Page - Semtech Corporation SC604A Datasheet HTML 7Page - Semtech Corporation SC604A Datasheet HTML 8Page - Semtech Corporation SC604A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
 2005 Semtech Corp.
www.semtech.com
SC604A
POWER MANAGEMENT
Definitions
I
LED Accuracy
The LED current is determined by the R
SET resistor (ILED
vs. R
SET data is found on pages 9 and 10).
This term
does not include the tolerance of the resistor R
SET.
If
maximum accuracy is required, a precision resistor is
needed. To calculate the error I
LED-ERR[%], use the formula
I
LED-ERR [%] = ±
Current Matching
Current Matching refers to the difference in current from
one LED to the next. The
∆I between any two LEDs will
meet this requirement. To calculate the error I
LED-LED-ERR ,
first identify the highest and lowest value of the 4 LED
currents, and use the formula:
I
LED-LED-ERR [%] =
or
which reduces to ±
1x Mode, 1.5x Mode and 2x Mode
1x Mode, 1.5x Mode and 2x Mode all refer to the charge
pump configuration. These modes boost the battery input
voltage and ensure there is enough voltage at V
OUT so
that the regulated current will flow through the LEDs and
return via the I
LED pins.
I
LED
()
MEASURED
I LED
-
I LED
%
100
IMAX
IMAX + IMIN
-1
100%
2
IMIN
IMAX + IMIN
-1
100%
2
IMIN
100%
IMAX
IMIN
IMAX +
Input Current
The total input current of the SC604A is a function of
the sum of the LED currents, the charge pump mode
and the quiescent current. The quiescent current trend
is charted on page 12 and used to calculate I
IN in the
following examples.
I
IN = IOUT
Mode + I
Q =
(I
LED1+ILED2+ILED3+ILED4 )
Mode + I
Q
Example 1:
Mode = 1x, I
Q = 2.4mA,
I
LED1+ILED2+ILED3+ILED4 = 4
15mA = 60mA
Answer 1:
I
IN = IOUT
Mode + I
Q = 60mA
1 + 2.4mA =
62.4mA
Example 2:
Mode = 1.5x, I
Q = 2.4mA,
I
LED1+ILED2+ILED3+ILED4 = 4
15mA = 60mA
Answer 2:
I
IN = IOUT
Mode + I
Q = 60mA
1.5 + 2.4mA =
92.4mA
Mode Transition Voltage
Mode transition voltage refers to the input voltage at
the point just before the charge pump changes from a
weaker mode to a stronger mode. V
TRANS1X is the
transition from 1x to 1.5x mode, and V
TRANS1.5X is the
transition from 1.5x to 2x mode. Equations for V
TRANS1X
and V
TRANS1.5X are given on page 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com