Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC604A Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC604A
Description  Low Noise, High Efficiency Regulated White LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC604A Datasheet(HTML) 3 Page - Semtech Corporation

  SC604A Datasheet HTML 1Page - Semtech Corporation SC604A Datasheet HTML 2Page - Semtech Corporation SC604A Datasheet HTML 3Page - Semtech Corporation SC604A Datasheet HTML 4Page - Semtech Corporation SC604A Datasheet HTML 5Page - Semtech Corporation SC604A Datasheet HTML 6Page - Semtech Corporation SC604A Datasheet HTML 7Page - Semtech Corporation SC604A Datasheet HTML 8Page - Semtech Corporation SC604A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
 2005 Semtech Corp.
www.semtech.com
SC604A
POWER MANAGEMENT
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
ti
m
i
L
t
n
e
r
r
u
C
t
u
p
n
IT
I
M
I
L
ID
N
G
o
t
T
U
O
V
m
o
r
f
d
e
il
p
p
a
ti
u
c
r
i
c
t
r
o
h
S0
2
20
5
8
A
m
d
l
o
h
s
e
r
h
T
h
g
i
H
t
u
p
n
IV
H
I
d
l
o
h
s
e
r
h
t
c
i
g
o
l
h
g
i
h
t
u
p
n
I3
.
1
V
d
l
o
h
s
e
r
h
T
w
o
L
t
u
p
n
IV
L
I
d
l
o
h
s
e
r
h
t
c
i
g
o
l
w
o
l
t
u
p
n
I4
.
0
V
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
II
H
I
V
H
I
V
=
N
I
0
1
µ
A
t
n
e
r
r
u
c
w
o
L
t
u
p
n
II
L
I
V
L
I
D
N
G
=0
1
µ
A
Notes:
(1) Guaranteed by design
Unless specified: T
A = -40°C to 85°C, VIN= 2.85V to 5.5V, C1 = C2 = 1.0µF (ESR = 0.03Ω). Typical values @ TA=25°C, LED VF = 3.4V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com