Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC604A Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC604A
Description  Low Noise, High Efficiency Regulated White LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC604A Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC604A Datasheet HTML 8Page - Semtech Corporation SC604A Datasheet HTML 9Page - Semtech Corporation SC604A Datasheet HTML 10Page - Semtech Corporation SC604A Datasheet HTML 11Page - Semtech Corporation SC604A Datasheet HTML 12Page - Semtech Corporation SC604A Datasheet HTML 13Page - Semtech Corporation SC604A Datasheet HTML 14Page - Semtech Corporation SC604A Datasheet HTML 15Page - Semtech Corporation SC604A Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
 2005 Semtech Corp.
www.semtech.com
SC604A
POWER MANAGEMENT
OVP Event with LED Open Circuit
Mode Transition Voltage vs. LED Voltage
Startup with 4 LEDs at 20 mA
Efficiency vs. Load at Low Battery
Efficiency vs. Load at High Battery
Quiescent Current Trend
Typical Characteristics
50
60
70
80
90
100
020
40
60
80
100
120
Total Load Current [mA]
VIN = 3.8V
VIN = 4.0V
VIN = 4.2V
50
60
70
80
90
100
0
20406080
100
120
Total Load Current [mA]
VIN = 3.6V
VIN = 2.8V
VIN = 3.4V
0
1
2
3
4
5
0
20
40
60
80
100
120
Total Output Current [mA]
Trend for 4 LEDs
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
0
5
10
15
20
25
30
35
LED Current [mA]
Vf = 3.6V
Vf = 3.4V
Vf = 3.2V
1X to 1.5X Mode for 4 LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com