Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC604A Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC604A
Description  Low Noise, High Efficiency Regulated White LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC604A Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC604A Datasheet HTML 3Page - Semtech Corporation SC604A Datasheet HTML 4Page - Semtech Corporation SC604A Datasheet HTML 5Page - Semtech Corporation SC604A Datasheet HTML 6Page - Semtech Corporation SC604A Datasheet HTML 7Page - Semtech Corporation SC604A Datasheet HTML 8Page - Semtech Corporation SC604A Datasheet HTML 9Page - Semtech Corporation SC604A Datasheet HTML 10Page - Semtech Corporation SC604A Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
 2005 Semtech Corp.
www.semtech.com
SC604A
POWER MANAGEMENT
Applications Information
Designing for Lowest Possible Battery Current
The SC604A efficiency and battery current are shown in
the plots that follow on page 8. For this example, 4 LEDs
are matched at 15mA each. The battery current remains
low at 63mA well into the Li-Ion battery range as indicated
in the plot by a boundary box. The SC604A uses 1x mode
(I
IN=IOUT+IQ) for part of the input voltage range, conserving
significant energy from the battery. A similar four (4)
output device uses only 1.5x mode (I
IN= IOUT
1.5+I
Q)
over the input voltage range. This means that the
SC604A will have about 25% higher efficiency than a
1.5x only charge pump. Where the competition drops
off at 3V, the SC604A uses 2x mode to extend the
operating range down to a battery voltage of only 2.85V.
The input voltages at which the mode transitions occur
are dependent on the forward voltage V
F of the LED used
and the LED current I
LED. To keep the battery current low
and in the 1x mode for as long as possible, it is best to
choose an LED with a lower V
F.
The mode transition voltages V
TRANS1X and VTRANS1.5X can
be estimated by the following equations:
V
TRANS1X = VF + VILED + [(# of LEDs used)
I
LED
1.2]
V
TRANS1.5X = VF + VILED + [(# of LEDs used)
I
LED
16]
1.5
where, V
F is the forward LED voltage measured from
anode to cathode, V
ILED is the voltage at the ILED pin,
typically V
ILED = 100mV, ILED is the LED current.
Power efficiency can now be estimated for comparison
with the intended battery voltage range.
Efficiency [%] =
Detailed Description
The SC604A contains a fractional charge pump, mode
selection circuit, output selection logic, current setting
detection circuit, and four current sense circuits. All are
depicted in the block diagram on page 6.
The fractional charge pump multiplies the input voltage
a multiple of 1, 1.5 or 2 times the input voltage. The
charge pump switches at a fixed 250kHz whenever the
mode is 1.5x or 2x. The charge pump does not switch
during 1x mode, saving power and improving efficiency.
The mode selection circuit automatically selects the mode
as 1x, 1.5x or 2x based on circuit conditions such as LED
voltage, input voltage and load current. 1x is the most
efficient mode, followed by 1.5x and 2x modes. At lower
voltages a stronger mode may be needed to maintain
regulation, if so, the mode will change first to 1.5x and
then to 2x. 2x mode usually operates for a much shorter
run time compared to 1x mode, and 2x mode maintains
the output until the battery is discharged to 2.85V or
less. The LED requiring the highest voltage drop will
determine the output voltage needed to drive all outputs
with adequate bias. Comparing all cathodes and
regulating VOUT for the LED with the lowest cathode
voltage ensures sufficient bias for all LEDs.
Output selection logic enables control over the LED
outputs for on and off functions with eight (8) different
output states. The states are defined in Table 1 on page
6.
The current set and detection circuit uses an external
resistor and a 1.22V reference to program the LED
current.
Four (4) current regulating circuits sink matched currents
from the LEDs. LEDs with matched forward voltage will
produce the best possible matched currents. For best
matching performance it is recommended that the
∆Vf
between LEDs be under 250mV. (For more information
on
∆Vf considerations refer to Semtech application
notes).
VOUT IOUT
100%
VIN (IOUT Mode + IQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com