Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC900 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC900
Description  Programmable Penta ULDO with RESET and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC900 Datasheet(HTML) 5 Page - Semtech Corporation

  SC900 Datasheet HTML 1Page - Semtech Corporation SC900 Datasheet HTML 2Page - Semtech Corporation SC900 Datasheet HTML 3Page - Semtech Corporation SC900 Datasheet HTML 4Page - Semtech Corporation SC900 Datasheet HTML 5Page - Semtech Corporation SC900 Datasheet HTML 6Page - Semtech Corporation SC900 Datasheet HTML 7Page - Semtech Corporation SC900 Datasheet HTML 8Page - Semtech Corporation SC900 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC900
Electrical Characteristics (Cont.)
Unless otherwise noted: VIN = 3.7V, EN = VIN, T
A = -40 to 85°C. Typical values are at TA = +25°C.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
E
r
o
t
a
l
u
g
e
R
O
D
L
y
c
a
r
u
c
c
A
e
g
a
tl
o
V
t
u
p
t
u
O
A
O
V
E
V
5
4
.
1< V
T
U
O
<V
0
0
.
3
V
T
U
O
V
<
V
5
1
.
0
+
N
I
V
5
.
5
<
I
T
U
O
,
A
m
1
=T
A
5
2
=
O
C
3
-3
+%
V
0
8
.
2
t
a
y
c
a
r
u
c
c
A
e
g
a
tl
o
V
t
u
p
t
u
O
)
1
1
0
1
1
=
C
A
D
(
S
A
O
V
E
I
T
U
O
A
m
1
=2
-2
+%
I
T
U
O
V
,
A
m
0
5
1
=
T
U
O
V
<
V
5
.
0
+
N
I
V
5
.
5
<5
.
3
-5
.
3
+%
t
n
e
r
r
u
C
t
u
p
t
u
O
m
u
m
i
x
a
MX
A
M
O
I
E
0
5
1A
m
F
F
O
:
g
n
it
t
e
S
tl
u
a
f
e
DO
V
E
0
8
.
2V
V
0
8
.
2
t
a
n
o
it
a
l
u
g
e
R
e
n
i
LG
E
R
E
N
I
L
E
I
T
U
O
V
,
A
m
1
=
T
U
O
V
<
V
5
1
.
0
+
N
I
V
5
.
5
<5
.
22
1V
m
V
0
8
.
2
t
a
n
o
it
a
l
u
g
e
R
d
a
o
LG
E
R
D
A
O
L
E
I
<
A
m
1
T
U
O
A
m
0
5
1
<3
-0
2
-V
m
I2
e
c
a
f
r
e
t
n
I
C
I
e
d
o
m
e
v
a
l
s
h
ti
w
s
e
il
p
m
o
c
e
c
a
f
r
e
t
n
I
2
I
s
p
il
i
h
P
y
b
d
e
b
ir
c
s
e
d
s
a
e
c
a
f
r
e
t
n
i
C
2
y
r
a
u
n
a
J
d
e
t
a
d
1
.
2
n
o
i
s
r
e
v
n
o
it
a
c
if
i
c
e
p
s
C
.
0
0
0
2
e
g
a
tl
o
V
t
u
p
n
I
l
a
ti
g
i
D
V
L
I
4
.
0V
V
H
I
6
.
1V
l
e
v
e
L
w
o
L
t
u
p
t
u
O
A
D
S
I
N
I
D
A
m
3
=
)
A
D
S
(4
.
0V
I
N
I
D
A
m
6
=
)
A
D
S
(6
.
0V
t
n
e
r
r
u
C
t
u
p
n
I
l
a
ti
g
i
DI
G
D
2
.
0
-2
.
0A
µ
e
c
n
a
ti
c
a
p
a
C
n
i
P
O
/IC
N
I
0
1F
p
I2
g
n
i
m
i
T
C
y
c
n
e
u
q
e
r
F
k
c
o
l
CL
C
S0
0
4z
H
k
d
o
ir
e
P
w
o
L
L
C
St
W
O
L
3
.
1s
µ
d
o
ir
e
P
h
g
i
H
L
C
St
H
G
I
H
6
.
0s
µ
e
m
i
T
d
l
o
H
a
t
a
Dt
T
A
D
_
D
H
0s
µ
e
m
i
T
p
u
t
e
S
a
t
a
D
t
T
A
D
_
U
S
0
0
1s
n
d
e
t
a
e
p
e
R
r
o
f
e
m
i
T
p
u
t
e
S
n
o
it
i
d
n
o
C
t
r
a
t
S
t
A
T
S
_
U
S
6
.
0s
µ
d
e
t
a
e
p
e
R
r
o
f
e
m
i
T
d
l
o
H
n
o
it
i
d
n
o
C
t
r
a
t
S
t
A
T
S
_
D
H
6
.
0s
µ
n
o
it
i
d
n
o
C
p
o
t
S
r
o
f
e
m
i
T
p
u
t
e
St
O
T
S
_
U
S
6
.
0s
µ
n
e
e
w
t
e
B
e
m
i
T
e
e
r
F
-
s
u
B
T
R
A
T
S
d
n
a
P
O
T
S
t
F
U
B
3
.
1s
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com