Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC900 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC900
Description  Programmable Penta ULDO with RESET and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC900 Datasheet(HTML) 1 Page - Semtech Corporation

  SC900 Datasheet HTML 1Page - Semtech Corporation SC900 Datasheet HTML 2Page - Semtech Corporation SC900 Datasheet HTML 3Page - Semtech Corporation SC900 Datasheet HTML 4Page - Semtech Corporation SC900 Datasheet HTML 5Page - Semtech Corporation SC900 Datasheet HTML 6Page - Semtech Corporation SC900 Datasheet HTML 7Page - Semtech Corporation SC900 Datasheet HTML 8Page - Semtech Corporation SC900 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.semtech.com
1
POWER MANAGEMENT
SC900
Programmable Penta ULDO with
RESET and I2C Interface
Description
March 29, 2005
Applications
Features
Typical Application Circuit
The SC900 is a highly integrated power management
device for low power portable applications. The device
contains five adjustable low-dropout linear regulators
(LDOs) with CMOS pass-devices as well as a band-gap
reference, I2C interface, and DACs to control the output
voltages.
Many features of the SC900 are programmable through
the I2C interface. These include the ability to indepen-
dently turn on any combination of the five regulators. All
five of the LDO output voltages are programmable in
50mV steps from 1.45V to 3.00V. Each LDO can have
an active shutdown or nonactive shutdown program op-
tion through the interface. There is also a reset monitor
flag that is associated with LDOA. In addition, the device
has a separate programmable power-good monitor flag
that activates when one or more LDOs go out of regula-
tion.
The SC900 offers significant quiescent current and space
savings to the system designer by sharing reference and
biasing among five LDOs. The small and thermally effi-
cient 20-lead MLPQ package make it ideal for use in por-
table products where minimizing layout area is critical.
! Five LDO regulators in one package
! I2C interface with multiple device capability
! Independent I2C enable/disable of LDOs
! Independent I2C control of output voltages
! Low thermal impedance of 40°C per watt
! 150mV dropout at 150mA
! Input range from 2.7V to 5.5V
! Programmable power-good flag
! Minimal number of external components
! Over temperature protection
! Small 4mm x 4mm 20-lead MLPQ package
! Small input/output filter capacitors
! Programmable V
OUT range - 1.45V to 3.00V for
each LDO
! Palmtop/Laptop computers
! Personal Digital Assistants
! Cellular telephones
! Battery-powered equipment
! High efficiency linear power supplies
VIN
INA
INB
INCD
INE
EN
LDOPGD
ARST
SDA
SCL
A0
GND
LDOA
LDOB
LDOC
LDOD
LDOE
VREF
VASEL
DGND
SC900
4.7µF
VBAT
Baseband
Processor
Receiver
Section
Transmitter
Section
TXCO
&
Synthesizer
Audio
Processing
LNA
PA
2.2µF
0.1µF
Digital Interface
Keypad
2.2µF
2.2µF
2.2µF
2.2µF


Similar Part No. - SC900

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
SC900 SWITCH-SC900 Datasheet
225Kb / 1P
600, 700, 702, 800 & 900 Series Overview
logo
Freescale Semiconductor...
SC900844JVK FREESCALE-SC900844JVK Datasheet
5Mb / 118P
Integrated Power Management IC for Ultra-mobile and Embedded Applications
logo
Semtech Corporation
SC900A SEMTECH-SC900A Datasheet
446Kb / 23P
Programmable Penta ULDO with RESET and I2C Interface
SC900AEVB SEMTECH-SC900AEVB Datasheet
446Kb / 23P
Programmable Penta ULDO with RESET and I2C Interface
SC900AMLTRT SEMTECH-SC900AMLTRT Datasheet
446Kb / 23P
Programmable Penta ULDO with RESET and I2C Interface
More results

Similar Description - SC900

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S24022 SUMMIT-S24022 Datasheet
82Kb / 14P
Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
S24042 SUMMIT-S24042 Datasheet
157Kb / 14P
Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
logo
Semtech Corporation
SC900A SEMTECH-SC900A Datasheet
446Kb / 23P
Programmable Penta ULDO with RESET and I2C Interface
logo
Maxim Integrated Produc...
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221_08 Datasheet
304Kb / 16P
Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
logo
ON Semiconductor
CAT5132ZI-10-GT3 ONSEMI-CAT5132ZI-10-GT3 Datasheet
131Kb / 14P
16 Volt Digitally Programmable Potentiometer with 128 Taps and I2C Interface
Doc. No. MD-2124, Rev. F
CAT5221WI-25 ONSEMI-CAT5221WI-25 Datasheet
169Kb / 16P
Dual Digitally Programmable Potentiometer with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. L
CAT9532WI ONSEMI-CAT9532WI Datasheet
203Kb / 17P
16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. D
CAT5221 ONSEMI-CAT5221 Datasheet
249Kb / 16P
Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. M
CAT9532 ONSEMI-CAT9532 Datasheet
791Kb / 18P
16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com