Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC900 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC900
Description  Programmable Penta ULDO with RESET and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC900 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC900 Datasheet HTML 11Page - Semtech Corporation SC900 Datasheet HTML 12Page - Semtech Corporation SC900 Datasheet HTML 13Page - Semtech Corporation SC900 Datasheet HTML 14Page - Semtech Corporation SC900 Datasheet HTML 15Page - Semtech Corporation SC900 Datasheet HTML 16Page - Semtech Corporation SC900 Datasheet HTML 17Page - Semtech Corporation SC900 Datasheet HTML 18Page - Semtech Corporation SC900 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC900
Applications Information (Cont.)
Stop Separated Reads
Another read format is available which is, in effect, an extension of the combined format read. This format allows
a master to set up the register address pointer for a read and return to that slave some time later to read the data.
After the start condition [S], the slave address is sent, followed by a write. The SC900 I2C then acknowledges that
it is being addressed, and the master responds with the 8-bit register address. The master then sends a stop or
restart condition, and may address another slave. Some time later the master sends a start or restart condition,
and a valid slave address is sent, followed by a read. The SC900 I2C then acknowledges and returns the data at the
register address location that had previously been set up.
Slave Address
I2C Stop Separated Format - Read
Register Address
S
S : Start Condition
W: Write = '0'
R : Read = '1'
A : Acknowledge (sent by slave)
B : Acknowledge (sent by master)
Sr: Repeated Start Condition
P : Stop Condition
Slave Address : 7 bit
Register Address : 8 bit
Data : 8 Bit
AW
A
A
S
Slave Address B
P
Slave Address
Data
S/
Sr
AR
A
B P
Register Address Setup Access
Register Read Access
Master Addresses
other Slaves
I2C Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com