Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC900 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC900
Description  Programmable Penta ULDO with RESET and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC900 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC900 Datasheet HTML 2Page - Semtech Corporation SC900 Datasheet HTML 3Page - Semtech Corporation SC900 Datasheet HTML 4Page - Semtech Corporation SC900 Datasheet HTML 5Page - Semtech Corporation SC900 Datasheet HTML 6Page - Semtech Corporation SC900 Datasheet HTML 7Page - Semtech Corporation SC900 Datasheet HTML 8Page - Semtech Corporation SC900 Datasheet HTML 9Page - Semtech Corporation SC900 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC900
Electrical Characteristics (Cont.)
Unless otherwise noted: V
IN = 3.7V, EN = VIN, TA = -40 to 85°C. Typical values are at TA = +25°C.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
T
E
S
E
R
A
d
l
o
h
s
e
r
h
T
t
e
s
e
R
T
E
S
E
R
D
L
H
T
7
7%
y
a
l
e
D
t
u
o
e
m
i
T
e
v
it
c
A
t
e
s
e
R
t
D
R
e
t
a
t
s
tl
u
a
f
e
d
n
i
y
a
l
e
D
5
70
0
15
2
1s
m
D
O
O
G
R
E
W
O
P
O
D
L
d
l
o
h
s
e
r
h
T
D
O
O
G
P
D
O
O
G
P
D
L
H
T
7
7%
y
a
l
e
D
t
u
o
e
m
i
T
e
v
it
c
A
D
O
O
G
P
t
G
P
e
t
a
t
s
tl
u
a
f
e
d
n
i
y
a
l
e
D
5
70
0
15
2
1s
m
Notes:
(1) Digital outputs are powered from LDOB, so LDOB must be active for operation of LDOPGD and ARST.
(2) Below 2.5V: becomes digital regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com