Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC250 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC250
Description  Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC250 Datasheet(HTML) 5 Page - Semtech Corporation

  SC250 Datasheet HTML 1Page - Semtech Corporation SC250 Datasheet HTML 2Page - Semtech Corporation SC250 Datasheet HTML 3Page - Semtech Corporation SC250 Datasheet HTML 4Page - Semtech Corporation SC250 Datasheet HTML 5Page - Semtech Corporation SC250 Datasheet HTML 6Page - Semtech Corporation SC250 Datasheet HTML 7Page - Semtech Corporation SC250 Datasheet HTML 8Page - Semtech Corporation SC250 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
© 2006 Semtech Corp.
www.semtech.com
SC250
PRELIMINARY
POWER MANAGEMENT
Pin Configuration
Ordering Information
Note:
1) Available on tape and reel only. A reel contains 3000 devices.
2) Device is WEEE and RoHS compliant.
DEVICE
PACKAGE
SC250WLTRT(1)(2)
MLPD-W8 2.3x2.3
SC250EVB
Evaluation Board
Ordering Information
Marking Information
TOP VIEW
MLPD-W8 2.3 x 2.3
1
2
4
5
6
3
7
8
PGND
EN
VOUT
VDAC
LX
VIN
VREF
GND
Marking for the 2.3 x 2.3mm MLPD 8 Lead Package:
ww = Datecode (Reference Package Marking Design
Guidelines, Appendix A)
250
yw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com