Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC250 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC250
Description  Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC250 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC250 Datasheet HTML 5Page - Semtech Corporation SC250 Datasheet HTML 6Page - Semtech Corporation SC250 Datasheet HTML 7Page - Semtech Corporation SC250 Datasheet HTML 8Page - Semtech Corporation SC250 Datasheet HTML 9Page - Semtech Corporation SC250 Datasheet HTML 10Page - Semtech Corporation SC250 Datasheet HTML 11Page - Semtech Corporation SC250 Datasheet HTML 12Page - Semtech Corporation SC250 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
© 2006 Semtech Corp.
www.semtech.com
SC250
PRELIMINARY
POWER MANAGEMENT
Under-Voltage Lockout
Under-voltage lockout protection is used to prevent
erroneous operation. As the input decreases, the device
shuts down when the voltage drops below 2.35V and will
not restart until the input voltage exceeds approximately
2.5V.
Inductor Selection
The SC250 is designed for use with a 4.7μH inductor. The
magnitude of the inductor current ripple is dependent on
the inductor value and can be determined by the following
equation:
OSC
N
I
OUT
OUT
L
f
L
V
V
1
V
I
This equation demonstrates the relationship between
input voltage, output voltage, and inductor ripple current.
The inductor should have a low DC resistance to minimize
the conduction losses and maximize efficiency. As a
minimum requirement, the DC current rating of the
inductor should be equal to the maximum load current
plus half of the inductor current ripple as shown by the
following equation:
2
I
I
I
L
)
MAX
(
OUT
LPK
Final inductor selection depends on various design
considerations such as efficiency, EMI, size, and cost.
Table 1 lists the manufacturers of practical inductor
options.
Table 1 — Recommended Inductors
Manufacturer/Part #
Value
(μH)
DCR
(Ω)
Saturation
Current (A)
Tolerance
(%)
Dimensions
LxWxH (mm)
BI Technologies
HM66304R7
4.7
0.072
1.32
20
4.7 × 4.7 ×3.0
Coilcraft
D01608C-472ML
4.7
0.09
1.5
20
6.6 × 4.5 ×3.0
TDK
VLCF4018T- 4R7N1R0-2
4.7
0.101
1.07
30
4.3 × 4.0 ×1.8
C
IN Selection
The source input current to a buck converter is non-
continuous. To prevent large input voltage ripple, a low
Applications Information (Cont.)
ESR ceramic capacitor is required. A minimum value of
10μF should be used for sufficient input voltage filtering
and a 22μF should be used for improved input voltage
filtering.
C
OUT Selection
The internal compensation is designed to work with a
certain output filter corner frequency defined by the
equation:
OUT
C
C
L
2
1
f
This single pole filter is designed to operate with an output
capacitor value of 4.7μF.
Output voltage ripple is a combination of the voltage
ripple from the inductor current charging and discharging
the output capacitor, and the voltage created from the
inductor current ripple through the output capacitor ESR.
Selecting an output capacitor with a low ESR will reduce
the output voltage ripple component that is dependent
upon this ESR, as can be seen in the following equation:
)
COUT
(
)
ripple
(
L
)
ESR
(
OUT
ESR
I
V
Capacitors with X7R or X5R ceramic dielectric are
strongly recommended for their low ESR and superior
temperature and voltage characteristics. Y5V capacitors
should not be used as their temperature coefficients
make them unsuitable for this application. Table 2 lists
the manufacturers of recommended capacitor options.
Table 2 — Recommended Capacitors
Manufacturer/Part Number
Value
(μF)
Rated
Voltage
(VDC)
Type
Case Size
Murata
GRM21BR60J226ME39L
22
6.3
X5R
0805
Murata
GRM188R60J106MKE19
10
6.3
X5R
0603
TDK
C2012X5R0J106K
10
6.3
X5R
0603
Murata
GRM188R60J475KE19D
4.7
6.3
X5R
0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com