Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC250 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC250
Description  Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC250 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC250 Datasheet HTML 6Page - Semtech Corporation SC250 Datasheet HTML 7Page - Semtech Corporation SC250 Datasheet HTML 8Page - Semtech Corporation SC250 Datasheet HTML 9Page - Semtech Corporation SC250 Datasheet HTML 10Page - Semtech Corporation SC250 Datasheet HTML 11Page - Semtech Corporation SC250 Datasheet HTML 12Page - Semtech Corporation SC250 Datasheet HTML 13Page - Semtech Corporation SC250 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
© 2006 Semtech Corp.
www.semtech.com
SC250
PRELIMINARY
POWER MANAGEMENT
Applications Information (Cont.)
PCB Layout Considerations
Poor layout can degrade the performance of the DC-
DC converter and can be a contributory factor in EMI
problems, ground bounce and resistive voltage losses.
Poor regulation and instability can result.
A few simple design rules can be implemented to ensure
good layout:
Place the inductor and filter capacitors as close to the
device as possible and use short wide traces between
the power components.
Route the output voltage feedback and V
DAC path away
from inductor and LX node to minimize noise and
magnetic interference.
1.
2.
Maximize ground metal on component side to improve
the return connection and thermal dissipation.
Separation between the LX node and GND should be
maintained to avoid coupling of switching noise to the
ground plane.
To further reduce noise interference on sensitive
circuit nodes, use a ground plane with several vias
connecting to the component side ground.
3.
4.
LX
LOUT
COUT
SC250
VOUT
VREF
GND
CREF
VIN
CIN
VDAC
EN
PGND
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com