Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC250 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC250
Description  Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC250 Datasheet(HTML) 1 Page - Semtech Corporation

  SC250 Datasheet HTML 1Page - Semtech Corporation SC250 Datasheet HTML 2Page - Semtech Corporation SC250 Datasheet HTML 3Page - Semtech Corporation SC250 Datasheet HTML 4Page - Semtech Corporation SC250 Datasheet HTML 5Page - Semtech Corporation SC250 Datasheet HTML 6Page - Semtech Corporation SC250 Datasheet HTML 7Page - Semtech Corporation SC250 Datasheet HTML 8Page - Semtech Corporation SC250 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
www.semtech.com
SC250
Step-Down DC-DC Converter with
Bias LDO for RF Power Amplifiers
POWER MANAGEMENT
August 28, 2006
Typical Application Circuit
Applications
The SC250 is a synchronous step-down converter
designed specifically for use as an adaptive voltage
supply for CDMA and WCDMA RF Power Amplifiers (PAs).
The output voltage can be adjusted dynamically between
0.3V and (Vin - 0.4)V through a linear analog control input.
For high power operation, a maximum control input signal
level forces the device into bypass mode where the input
is connected directly to the output via an internal P-
Channel pass transistor. Bypass mode also occurs when
the output load demands duty cycles in excess of the
maximum rated duty cycle.
The SC250 also provides an LDO regulator which can be
used to supply a 2.85V bias to the PA. The internal clock
runs at 1MHz to maximize efficiency while still allowing
the use of small surface mount inductors and capacitors
can be used.
The peak current rating of the internal PMOS switch allows
a DC output current of 600mA. The bypass PMOS current
rating allows a minimum of 1A DC output current in the
bypass mode. Shutdown turns off all the control circuitry
to achieve a typical shutdown current of 0.1μA.
CDMA and WCDMA Phones
Handheld Radios
RF PC Cards
Battery Powered RF Devices
Adjustable output voltage range — 0.3 to 3.6V
Linearly proportional V
DAC to VOUT relationship for
increased PA efficiency
Pass-through mode automatic and on demand
Input voltage range — 2.7V to 5V
Typical settling time — 40μs
Output current capability — 600mA
Maximum output current in bypass mode — 1A
Up to 96% efficiency
Constant frequency operation — 1MHz
Less than 1μA shutdown current
Internal 75mΩ PMOS bypass transistor
PA bias voltage supply — 2.85V, 20mA, 1.5%
MLPD-W8, 2.3 x 2.3mm package
L1
4.7μH
CIN
10μF
VIN
VOUT
VREF
GND
LX
VDAC
PGND
CREF
1μF
EN
COUT
4.7μF
VIN
3
6
1
4
2
7
5
8
PA
RF Output
RF Input
Vcc
GND
BIAS
ENABLE
VDAC
SC250
Description
Features


Similar Part No. - SC250

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SC250 MOTOROLA-SC250 Datasheet
94Kb / 2P
TRIACS BIDIRECTIPNAL TRIODE THYRISTORS
logo
Digitron Semiconductors
SC250 DIGITRON-SC250 Datasheet
331Kb / 4P
BIDIRECTIONAL TRIODE THYRISTOR
logo
New Jersey Semi-Conduct...
SC250 NJSEMI-SC250 Datasheet
228Kb / 4P
Hermetic Triacs
SC250 NJSEMI-SC250 Datasheet
228Kb / 4P
Hermetic Triacs
logo
TT Electronics.
SC250 TTELEC-SC250 Datasheet
764Kb / 8P
Metal Tube Flowmeters
02/2023
More results

Similar Description - SC250

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
LM3203 NSC-LM3203 Datasheet
1Mb / 15P
Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
LM3207 NSC-LM3207 Datasheet
1Mb / 19P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers with Integrated Vref LDO
logo
Semtech Corporation
SC251 SEMTECH-SC251 Datasheet
523Kb / 19P
Step-down DC-DC Converter with Bias LDO for WCDMA Amplifi ers
logo
National Semiconductor ...
LM3207 NSC-LM3207_07 Datasheet
1Mb / 24P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers with Integrated Vref LDO
logo
ams AG
AS1332 AMSCO-AS1332 Datasheet
1Mb / 19P
650mA, Step-Down DC-DC Converter for RF Power Amplifiers
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
650mA, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X_15 Datasheet
1Mb / 36P
5.5V Input, 3A, Step-Down DC/DC Converter LDO
logo
Texas Instruments
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
Step-Down DC-DC Converter With
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X Datasheet
1Mb / 36P
5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com