Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC7116 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MSC7116
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7116 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MSC7116 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
Electrical Characteristics
MSC7116 10/100 Mbps Ethernet MAC Data Sheet, Rev. 11
Freescale Semiconductor
29
2.5.6
Ethernet Timing
2.5.6.1
Receive Signal Timing
Figure 9. TDM Transmit Signals
Table 21. Receive Signal Timing
No.
Characteristics
Min
Max
Unit
800
Receive clock period:
• MII: RXCLK (max frequency = 25 MHz)
• RMII: REFCLK (max frequency = 50 MHz)
40
20
—
—
ns
ns
801
Receive clock pulse width high—as a percent of clock period
• MII: RXCLK
• RMII: REFCLK
35
14
7
65
—
—
%
ns
ns
802
Receive clock pulse width low—as a percent of clock period:
• MII: RXCLK
• RMII: REFCLK
35
14
7
65
—
—
%
ns
ns
803
RXDn, RX_DV, CRS_DV, RX_ER to receive clock rising edge setup time
4
—
ns
804
Receive clock rising edge to RXDn, RX_DV, CRS_DV, RX_ER hold time
2
—
ns
Figure 10. Ethernet Receive Signal Timing
TDMxTCK
TDMxTD
306
307
309
308
300
301
302
311
310
TDMxRCK
TDMxTFS (output)
TDMxTFS (input)
303
305
Valid
Receive
RX_DV
RXDn
RX_ER
803
804
clock
800
802
801
CRS_DV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com