Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC7116 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MSC7116
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7116 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MSC7116 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
MSC7116 10/100 Mbps Ethernet MAC Data Sheet, Rev. 11
Hardware Design Considerations
Freescale Semiconductor
44
•
Power consumption. You can reduce power consumption in your design by controlling the power consumption of the
following regions of the device:
— Extended core. Use the SC1400 Stop and Wait modes by issuing a stop or wait instruction.
— Clock synthesis module. Disable the PLL, timer, watchdog, or DDR clocks or disable the CLKO pin.
— AHB subsystem. Freeze or shut down the AHB subsystem using the GPSCTL[XBR_HRQ] bit.
— Peripheral subsystem. Halt the individual on-device peripherals such as the DDR memory controller, Ethernet
MAC, HDI16, TDM, UART, I2C, and timer modules.
For details, see the “Clocks and Power Management” chapter of the MSC711x Reference Manual.
•
Power supply design. One of the most common ways to derive power is to use either a simple fixed or adjustable linear
regulator. For the system I/O voltage supply, a simple fixed 3.3 V supply can be used. However, a separate adjustable
linear regulator supply for the core voltage VDDC should be implemented. For the memory power supply, regulators
are available that take care of all DDR power requirements.
3.3
Estimated Power Usage Calculations
The following equations permit estimated power usage to be calculated for individual design conditions. Overall power is
derived by totaling the power used by each of the major subsystems:
PTOTAL = PCORE + PPERIPHERALS + PDDRIO + PIO + PLEAKAGE
Eqn. 3
This equation combines dynamic and static power. Dynamic power is determined using the generic equation:
C
× V2 × F × 10–3 mW
Eqn. 4
where,
C = load capacitance in pF
V = peak-to-peak voltage swing in V
F = frequency in MHz
3.3.1
Core Power
Estimation of core power is straightforward. It uses the generic dynamic power equation and assumes that the core load
capacitance is 750 pF, core voltage swing is 1.2 V, and the core frequency is 266 MHz. This yields:
PCORE = 750 pF × (1.2 V)
2 × 266 MHz × 10–3 = 287 mW
Eqn. 5
This equation allows for adjustments to voltage and frequency if necessary.
Table 33. Recommended Power Supply Ratings
Supply
Symbol
Nominal Voltage
Current Rating
Core
VDDC
1.2 V
1.5 A per device
Memory
VDDM
2.5 V
0.5 A per device
Reference
VREF
1.25 V
10 µA per device
I/O
VDDIO
3.3 V
1.0 A per device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com