Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC7116 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MSC7116
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7116 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MSC7116 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
Hardware Design Considerations
MSC7116 10/100 Mbps Ethernet MAC Data Sheet, Rev. 11
Freescale Semiconductor
43
•
Power planes. Each power supply pin (VDDC, VDDM, and VDDIO) should have a low-impedance path to the board power
supply. Each GND pin should be provided with a low-impedance path to ground. The power supply pins drive distinct
groups of logic on the device. The MSC7116 VDDC power supply pins should be bypassed to ground using decoupling
capacitors. The capacitor leads and associated printed circuit traces connecting to device power pins and GND should
be kept to less than half an inch per capacitor lead. A minimum four-layer board that employs two inner layers as power
and GND planes is recommended. See Section 3.5 for DDR Controller power guidelines.
•
Decoupling. Both the I/O voltage and core voltage should be decoupled for switching noise. For I/O decoupling, use
standard capacitor values of 0.01
μF for every two to three voltage pins. For core voltage decoupling, use two levels
of decoupling. The first level should consist of a 0.01 µF high frequency capacitor with low effective series resistance
(ESR) and effective series inductance (ESL) for every two to three voltage pins. The second decoupling level should
consist of two bulk/tantalum decoupling capacitors, one 10
μF and one 47 μF, (with low ESR and ESL) mounted as
closely as possible to the MSC7116 voltage pins. Additionally, the maximum drop between the power supply and the
DSP device should be 15 mV at 1 A.
•
PLL power supply filtering. The MSC7116 VDDPLL power signal provides power to the clock generation PLL. To
ensure stability of the internal clock, the power supplied to this pin should be filtered with capacitors that have low and
high frequency filtering characteristics. VDDPLL can be connected to VDDC through a 20 Ω resistor. VSSPLL can be tied
directly to the GND plane. A circuit similar to the one shown in Figure 31 is recommended. The PLL loop filter should
be placed as closely as possible to the VDDPLL pin (which are located on the outside edge of the silicon package) to
minimize noise coupled from nearby circuits.The 0.01 µF capacitor should be closest to VDDPLL, followed by the 0.1
µF capacitor, the 10 µF capacitor, and finally the 20-
Ω resistor to VDDC. These traces should be kept short.
Figure 30. Voltage Sequencing
Figure 31. PLL Power Supply Filter Circuits
Time
Differential should always be
0.7 V or more.
0.7 V or More
0.7 V or More
Ramp-down
Ramp-up
VDDIO = 3.3 V
VDDM = 2.5 V
VDDC = 1.2 V
VDDC
VDDPLL
20
Ω
0.1 µF 0.01 µF
10 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com