Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC7116 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MSC7116
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7116 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MSC7116 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
MSC7116 10/100 Mbps Ethernet MAC Data Sheet, Rev. 11
Freescale Semiconductor
36
2.5.8
I2C Timing
Table 26. I2C Timing
No.
Characteristic
Fast
Unit
Min
Max
450
SCL clock frequency
0
400
kHz
451
Hold time START condition
(SCL clock period/2) – 0.3
—
μs
452
SCL low period
(SCL clock period/2) – 0.3
—
μs
453
SCL high period
(SCL clock period/2) – 0.1
—
μs
454
Repeated START set-up time (not shown in figure)
2
× 1/FBCK
—
μs
455
Data hold time
0
—
μs
456
Data set-up time
250
—
ns
457
SDA and SCL rise time
—
700
ns
458
SDA and SCL fall time
—
300
ns
459
Set-up time for STOP
(SCL clock period/2) – 0.7
—
μs
460
Bus free time between STOP and START
(SCL clock period/2) – 0.3
—
μs
Note:
SDA set-up time is referenced to the rising edge of SCL. SDA hold time is referenced to the falling edge of SCL. Load capacitance
on SDA and SCL is 400 pF.
Figure 20. I2C Timing Diagram
SCL
SDA
Data Byte
Start Condition
Stop Condition
A
C
K
78
9
456
1
2
3
Start Condition
458
458
457
457
460
459
451
452
453
SCL
SDA
Data Byte
Start Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com