Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2455CPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV2455CPWR
Description  FAMILY OF 23-uA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2455CPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2455CPWR Datasheet HTML 3Page - Texas Instruments TLV2455CPWR Datasheet HTML 4Page - Texas Instruments TLV2455CPWR Datasheet HTML 5Page - Texas Instruments TLV2455CPWR Datasheet HTML 6Page - Texas Instruments TLV2455CPWR Datasheet HTML 7Page - Texas Instruments TLV2455CPWR Datasheet HTML 8Page - Texas Instruments TLV2455CPWR Datasheet HTML 9Page - Texas Instruments TLV2455CPWR Datasheet HTML 10Page - Texas Instruments TLV2455CPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
TLV2450, TLV2451, TLV2452, TLV2453, TLV2454, TLV2455, TLV245xA
FAMILY OF 23 µA 220kHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS218F − DECEMBER 1998 − REVISED JANUARY 2005
7
WWW.TI.COM
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
TLV245x
25
°C
300
1500
VIO
Input offset voltage
TLV245x
Full range
2000
V
VIO
Input offset voltage
TLV245xA
25
°C
300
1000
µV
TLV245xA
Full range
1300
VIO
Temperature coefficient of input
VDD = ±2.5 V
VO = 0,
0.3
V/
°C
αVIO
Temperature coefficient of input
offset voltage
VDD = ±2.5 V
VIC = 0,
VO = 0,
RS = 50 Ω
0.3
µV/°C
IIO
Input offset current
VIC = 0,
RS = 50
25
°C
0.3
4.5
nA
IIO
Input offset current
Full range
5.5
nA
IIB
Input bias current
25
°C
0.5
5
nA
IIB
Input bias current
Full range
7
nA
VOH
High-level output voltage
VIC = 2.5 V,
IOH = − 500 A
25
°C
4.87
4.97
V
VOH
High-level output voltage
VIC = 2.5 V,
IOH = − 500 µA
Full range
4.85
V
VOL
Low-level output voltage
VIC = 2.5 V,
IOL = 500 A
25
°C
0.07
0.15
V
VOL
Low-level output voltage
VIC = 2.5 V,
IOL = 500 µA
Full range
0.16
V
Sourcing
25
°C
20
32
IOS
Short-circuit output current
Sourcing
Full range
18
mA
IOS
Short-circuit output current
Sinking
25
°C
12
18
mA
Sinking
Full range
10
IO
Output current
VO = 0.5 V from rail
25
°C
±10
mA
AVD
Large-signal differential voltage
VO(PP) = 3 V,
RL = 10 kΩ
25
°C
96
103
dB
AVD
Large-signal differential voltage
amplification
VO(PP) = 3 V,
RL = 10 kΩ
Full range
91
dB
ri(d)
Differential input resistance
25
°C
109
Ω
CIC
Common-mode input capacitance
f = 10 kHz
25
°C
4.5
pF
zo
Closed-loop output impedance
f = 10 kHz,
AV = 10
25
°C
45
Ω
CMRR
Common-mode rejection ratio
VIC = 0 to 5 V,
25
°C
70
80
dB
CMRR
Common-mode rejection ratio
VIC = 0 to 5 V,
RS = 50 Ω
TLV245xC
Full range
68
dB
VDD = 2.7 V to 6 V,
VIC = VDD /2,
25
°C
76
89
kSVR
Supply voltage rejection ratio
VDD = 2.7 V to 6 V,
No load
VIC = VDD /2,
Full range
74
dB
kSVR
Supply voltage rejection ratio
(
∆VDD /∆VIO)
VDD = 3 V to 5 V,
VIC = VDD /2,
25
°C
88
106
dB
( VDD / VIO)
VDD = 3 V to 5 V,
No load
VIC = VDD /2,
Full range
84
25
°C
23
42
IDD
Supply current (per channel)
VO = 2.5 V, No load
TLV245xC
Full range
44
µA
IDD
Supply current (per channel)
VO = 2.5 V, No load
TLV245xI
Full range
46
µA
Supply current in shutdown mode
25
°C
16
70
IDD(SHDN)
Supply current in shutdown mode
(TLV2450, TLV2453, TLV2455) (per
channel)
SHDN = −VDD
TLV245xC
Full range
70
nA
IDD(SHDN) (TLV2450, TLV2453, TLV2455) (per
channel)
SHDN = −VDD
TLV245xI
Full range
80
nA
† Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com