Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2455CPWR Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV2455CPWR
Description  FAMILY OF 23-uA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2455CPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2455CPWR Datasheet HTML 6Page - Texas Instruments TLV2455CPWR Datasheet HTML 7Page - Texas Instruments TLV2455CPWR Datasheet HTML 8Page - Texas Instruments TLV2455CPWR Datasheet HTML 9Page - Texas Instruments TLV2455CPWR Datasheet HTML 10Page - Texas Instruments TLV2455CPWR Datasheet HTML 11Page - Texas Instruments TLV2455CPWR Datasheet HTML 12Page - Texas Instruments TLV2455CPWR Datasheet HTML 13Page - Texas Instruments TLV2455CPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
TLV2450, TLV2451, TLV2452, TLV2453, TLV2454, TLV2455, TLV245xA
FAMILY OF 23 µA 220kHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS218F − DECEMBER 1998 − REVISED JANUARY 2005
10
WWW.TI.COM
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 1
50
0
−100
−150
−200
−50
0
0.5
1
1.5
2
2.5
3
150
100
200
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VIC − Common-Mode Input Voltage − V
VDD =3 V
TA = 25°C
−0.5
3.5
Figure 2
0
−20
−60
−80
−100
80
−40
0
0.5
1
1.5
2
2.5
3
40
20
60
100
3.5
4
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VIC − Common-Mode Input Voltage − V
4.5
5
VDD =5 V
TA = 25°C
−0.5
5.5
Figure 3
0
INPUT OFFSET CURRENT
vs
COMMON-MODE INPUT VOLTAGE
VIC − Common-Mode Input Voltage − V
0.5
1
1.5
0
0.5
1
−60
−40
20
60
−20
40
0
VDD = 3 V
TA = 25°C
Figure 4
−60
0
−50
INPUT OFFSET CURRENT
vs
COMMON-MODE INPUT VOLTAGE
20
5
VIC − Common-Mode Input Voltage − V
−20
0
10
−40
0.5
1
1.5
−10
−30
2
2.5
3
3.5
4
VDD = 5 V
TA = 25°C
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com