Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2455CPWR Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV2455CPWR
Description  FAMILY OF 23-uA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2455CPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2455CPWR Datasheet HTML 7Page - Texas Instruments TLV2455CPWR Datasheet HTML 8Page - Texas Instruments TLV2455CPWR Datasheet HTML 9Page - Texas Instruments TLV2455CPWR Datasheet HTML 10Page - Texas Instruments TLV2455CPWR Datasheet HTML 11Page - Texas Instruments TLV2455CPWR Datasheet HTML 12Page - Texas Instruments TLV2455CPWR Datasheet HTML 13Page - Texas Instruments TLV2455CPWR Datasheet HTML 14Page - Texas Instruments TLV2455CPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
TLV2450, TLV2451, TLV2452, TLV2453, TLV2454, TLV2455, TLV245xA
FAMILY OF 23 µA 220kHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS218F − DECEMBER 1998 − REVISED JANUARY 2005
11
WWW.TI.COM
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 5
VIC − Common-Mode Input Voltage − V
0
−1
−3
−4
0
0.5
1
1.5
2
3
2
2.5
3
1
−2
INPUT BIAS CURRENT
vs
COMMON-MODE INPUT VOLTAGE
−0.5
3.5
VDD = 3 V
TA = 25°C
Figure 6
1
0
−2
−3
−4
−1
0
0.5
1
1.5
2
2.5
3
3
2
3.5
4
INPUT BIAS CURRENT
vs
COMMON-MODE INPUT VOLTAGE
VIC − Common-Mode Input Voltage − V
4.5
5 5.5
−0.5
VDD =5 V
TA = 25°C
Figure 7
0.5
0.4
0.3
0.2
0.1
0.8
−55
−35
−15
5
25
45
0.7
0.6
0.9
TA − Free-Air Temperature − °C
INPUT OFFSET CURRENT
AND INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
65
85
105
125
0
−0.1
VDD = 3 V
IIB
IIO
1.1
1
1.4
1.3
1.2
1.5
Figure 8
0.5
0.4
0.3
0.2
0.1
0.8
−55
−35
−15
5
25
45
0.7
0.6
0.9
TA − Free-Air Temperature − °C
INPUT OFFSET CURRENT
AND INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
VDD = 5 V
IIB
IIO
65
85
105
125
0
−0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com