Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2455CPWR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV2455CPWR
Description  FAMILY OF 23-uA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2455CPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV2455CPWR Datasheet HTML 9Page - Texas Instruments TLV2455CPWR Datasheet HTML 10Page - Texas Instruments TLV2455CPWR Datasheet HTML 11Page - Texas Instruments TLV2455CPWR Datasheet HTML 12Page - Texas Instruments TLV2455CPWR Datasheet HTML 13Page - Texas Instruments TLV2455CPWR Datasheet HTML 14Page - Texas Instruments TLV2455CPWR Datasheet HTML 15Page - Texas Instruments TLV2455CPWR Datasheet HTML 16Page - Texas Instruments TLV2455CPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
TLV2450, TLV2451, TLV2452, TLV2453, TLV2454, TLV2455, TLV245xA
FAMILY OF 23 µA 220kHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS218F − DECEMBER 1998 − REVISED JANUARY 2005
13
WWW.TI.COM
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 11
IOL − Low-Level Output Current − mA
TA = −40°C
TA = 25°C
TA = 85°C
TA = 125°C
1.5
1
0.5
0
0
1
2345
6
2
2.5
3
78
9
10
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
VDD = 3 V
Figure 12
IOH − High-Level Output Current − mA
1.5
1
0.5
0
0
2.5
5
7.5
2
2.5
3
10
12.5
15
TA = 125°C
TA = 85°C
TA = 25°C
TA = −40°C
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
VDD = 3 V
Figure 13
2.5
2
1
0.5
0
1.5
3
0
5
10
15
20
25
VDD = 5 V
TA = −40°C
TA = 125°C
TA = 25°C
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
TA = 85°C
3.5
4
4.5
5
Figure 14
2.5
2
1
0.5
0
4.5
1.5
3.5
3
4
5
0
5
10
15
20
25
30
35
40
VDD = 5 V
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
TA = −40°C
TA = 125°C
TA = 25°C
IOH − High-Level Output Current − mA
TA = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com