Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8267 Datasheet(PDF) 12 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 12 Page - ams AG

Back Button AS8267 Datasheet HTML 8Page - ams AG AS8267 Datasheet HTML 9Page - ams AG AS8267 Datasheet HTML 10Page - ams AG AS8267 Datasheet HTML 11Page - ams AG AS8267 Datasheet HTML 12Page - ams AG AS8267 Datasheet HTML 13Page - ams AG AS8267 Datasheet HTML 14Page - ams AG AS8267 Datasheet HTML 15Page - ams AG AS8267 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 12 of 136
7. Performance Graphs
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.01
0.1
1
10
100
I [A]
Gain 4
Gain 20
Gain 16
Graph 1:
Error as a % of reading for gain setting 4, 16, 20
– Channel l1
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.01
0.1
1
10
100
I [A]
170V
290V
230V
Graph 3:
Error as a % of reading with mains voltage
variation – Channel I1
-0,3
-0,2
-0,1
0
0,1
0,2
0,3
0,01
0,1
1
10
100
I [A]
3V6
3V0
3V3
Graph 5:
Error as a % of reading with variation in VDD –
Channel I1
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.01
0.1
1
10
100
I [A]
Gain 16
Gain 4
Gain 20
Graph 2:
Error as a % of reading for gain setting 4, 16, 20
– Channel I2
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.01
0.1
1
10
100
I [A]
230V
170V
290V
Graph 4:
Error as a % of reading with mains voltage
variation – Channel I2
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.01
0.1
1
10
100
I [A]
3V3
3V0
3V6
Graph 6:
Error as a % of reading with variation in VDD –
Channel I2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com