Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8267 Datasheet(PDF) 16 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 16 Page - ams AG

Back Button AS8267 Datasheet HTML 12Page - ams AG AS8267 Datasheet HTML 13Page - ams AG AS8267 Datasheet HTML 14Page - ams AG AS8267 Datasheet HTML 15Page - ams AG AS8267 Datasheet HTML 16Page - ams AG AS8267 Datasheet HTML 17Page - ams AG AS8267 Datasheet HTML 18Page - ams AG AS8267 Datasheet HTML 19Page - ams AG AS8267 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 16 of 136
A programmable watchdog timer is provided to automatically initiate a system reset when a regular hold-off
signal is not detected by the watchdog timer. The watchdog timer is an optional function which is software
enabled.
A dedicated serial Universal Asynchronous Receiver/Transmitter (UART1) Interface within the System Control
is provided to communicate with the AS8267 / AS8268 ICs and perform all the required programming and
reading of data, especially during the meter production process.
The AS8267 / AS8268 ICs supply voltages (2 x VDDD and VDDA) are typically 3.3 Volts. These supply
voltages should be derived from the Vmains with the use of a standard voltage regulated power supply circuit.
An on-chip power supply monitor (PSM) ensures that a reset is generated independently of the supply voltage
rise and fall times. Monitoring of the Vmains is provided to ensure early power-down detection. A reset pin
(RES_N) is also available for external system reset. The RES_N pin can be left unconnected if not required.
The individual functional elements of the AS8267 / AS8268 ICs, as well as the relationships between the
various functional blocks are shown in the following block diagram. A detailed description of the AS8267 /
AS8268 ICs system and the flexibility available to the kWh meter designer, through the system programmability
is also described below:
Analog
Front
End
DSP
TXD
RXD
VDD_BAT
XIN
XOUT
UART 1
SC
MISO
MOSI
LBP3 ...0
LSD23 ...0
IO 11 ...0
S_N
I2N
I2P
I1N
I1P
VN
VP
Figure 2:
AS8267 / AS8268 block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com