Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8267 Datasheet(PDF) 135 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 135 Page - ams AG

Back Button AS8267 Datasheet HTML 128Page - ams AG AS8267 Datasheet HTML 129Page - ams AG AS8267 Datasheet HTML 130Page - ams AG AS8267 Datasheet HTML 131Page - ams AG AS8267 Datasheet HTML 132Page - ams AG AS8267 Datasheet HTML 133Page - ams AG AS8267 Datasheet HTML 134Page - ams AG AS8267 Datasheet HTML 135Page - ams AG AS8267 Datasheet HTML 136Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 135 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 135 of 136
14.
Terminology
AFE
-
Analog front end
CT
-
Current transformer
DSP
-
Digital signal processor
EEPROM
-
Electrically erasable programmable read only memory
I_RAM
-
8051 internal memory
kB
-
kilobyte
LBPx
-
LCD back-plane driver pin
LCD
-
Liquid crystal display
LCDD
-
Liquid crystal display driver
LED
-
Light-emitting diode
LP_DIV
-
Low power divider
LP_OSC
-
Low power oscillator
LSB
-
Least significant bit
LSDx
-
LCD segment driver pin
MCU
-
Microcontroller unit
MDR
-
Meter data register (in DSP block)
MPIO
-
Programmable multi-purpose input/output
MSB
-
Most significant bit
P_ACCU
-
Power accumulator for real power
PF
-
Power factor
PLP
-
Power low pass filter
PSM
-
Power-supply monitor
PSW
-
Program status word
RAM
-
Random access memory
RES_N
-
System reset pin
RMS
-
Root mean square
RTC
-
Real time clock
SCT
-
System control
SDM
-
Sigma-delta modulator
SFR
-
Special function register
SQRT
-
Square root block
SREG
-
Settings register (in DSP block)
SPI
-
Serial peripheral interface
UART
-
Universal asynchronous receiver/transmitter
VREF
-
Voltage reference
WDT
-
Watchdog timer
X_RAM
-
8051 external data memory
X_DATA
-
64kByte address space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com