Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8268 Datasheet(PDF) 104 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 104 Page - ams AG

Back Button AS8268 Datasheet HTML 100Page - ams AG AS8268 Datasheet HTML 101Page - ams AG AS8268 Datasheet HTML 102Page - ams AG AS8268 Datasheet HTML 103Page - ams AG AS8268 Datasheet HTML 104Page - ams AG AS8268 Datasheet HTML 105Page - ams AG AS8268 Datasheet HTML 106Page - ams AG AS8268 Datasheet HTML 107Page - ams AG AS8268 Datasheet HTML 108Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 104 of 136
Squareroot Block (SQRT)
This SQRT block calculates the square root of a 40 bit input value (mapped to 5 eight bit input registers).
The output is a 20 bit number which is mapped to 3 eight bit output registers.
The calculation starts immediately after the least significant byte has been written (= address E8h).
For the square root calculation the Gypsi- or radicand algorithm is used, which produces one bit per clock
cycle. Thus after 20 cycles the result is available in the SQRTOUT[2:0] registers.
Note: The interrupt signal is not connected to the interrupt controller of the MCU, because the result is
available after a defined period of 4 machine cycles. The programmer has to take care for the correct timing.
For instance, 4 NOP instructions must be inserted before reading out the result.
When writing SQRTIN[39:36] are don’t care.
When reading SQRTOUT[23:20] those bits equal zero.
Data Registers
SFR-Address
Name
Description
E8h
SQRTIN0
Input value[7:0]
E9h
SQRTIN1
Input value[15:8]
EAh
SQRTIN2
Input value[23:16]
EBh
SQRTIN3
Input value[31:24]
ECh
SQRTIN4
Input value[39:32]
EDh
SQRTOUT0
Output value[7:0]
EEh
SQRTOUT1
Output value[15:8]
EFh
SQRTOUT2
Output value[19:16]
MOV SQRT4, #...
4
3
2
MOV SQRT0, #...
MOV A, SQRT2, ...
0
4 cyc
square root
calculation
start calculation
result available
Figure 19: Timing diagram
During the time of calculation data must not be overwritten. As soon as the register SQRT0 is written, the
calculation sequence is retriggered and the result is calculated from the latest contents of the 5 input registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com