Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8268 Datasheet(PDF) 107 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 107 Page - ams AG

Back Button AS8268 Datasheet HTML 103Page - ams AG AS8268 Datasheet HTML 104Page - ams AG AS8268 Datasheet HTML 105Page - ams AG AS8268 Datasheet HTML 106Page - ams AG AS8268 Datasheet HTML 107Page - ams AG AS8268 Datasheet HTML 108Page - ams AG AS8268 Datasheet HTML 109Page - ams AG AS8268 Datasheet HTML 110Page - ams AG AS8268 Datasheet HTML 111Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 107 of 136
;-------------------------------------------------------------------------------
; Configure UART2 to the pins IO6 and IO7 with the Baudrate of 19200 Baud:
;-------------------------------------------------------------------------------
; map txd2 = IO7
; map rxd2 = IO6
;-------------------------------------------------------------------------------
xdata mem: OUTMUX1
(9503h) <- 80h ; maps txd2 to IO7
xdata mem: SET_ENO
(9505h) <- 80h ; enable output IO7
xdata mem: SEL_PUPDO
(9509h) <- 40h ; enable pullup for IO6
xdata mem: SEL_IN
(950Bh) <- 05h ; map rxd2 to IO6
idata mem: SBAUDL2
(0C2)
<- 11h ; set Baudrate register low
idata mem: SBAUDH2
(0C3)
<- 00h ; set Baudrate register high
idata mem: SCON2
(0C0)
<- 50h ; setup UART2 serial port for Rx and Tx.
;-------------------------------------------------------------------------------
;-------------------------------------------------------------------------------
; program fragment for enabling uart2 for serial communication.
;
; sfr locations --
;
SCON2
EQU
0C0h
; Serial 2 Control Register
SBUF2
EQU
0C1h
; Serial 2 Port Register
SBAUDL2
EQU
0C2h
; Serial 2 Baudload LowByte
SBAUDH2
EQU
0C3h
; Serial 2 Baudload HighByte
;
; variables --
;
BaudrateLO
EQU
11
; Baudrate Value for 19200 baud,
BaudrateHI
EQU
0
; mcu_clk = 3.58MHz
;
; memory map for the uart2 configurations --
;
OUTMUX1
EQU
09503H
; need to be set as 0x80
SET_ENO
EQU
09505H
; need to be set as 0x80
SEL_PUPDO
EQU
09509H
; need to be set as 0x40
SEL_IN
EQU
0950BH
; need to be set as 0x05
;
; instruction code fragment
; ...
MOV
IE,#0A0h
; enable serial interrupt UART2 0xA0
MOV
DPTR,#OUTMUX1
; 09503H <- 80h ; maps txd2 to IO7
MOV
A,#080h
MOVX
@DPTR,A
MOV
DPTR,#SET_ENO
; 09505H <- 80h ; enable output IO7
MOV
A,#080h
MOVX
@DPTR,A
MOV
DPTR,#SEL_PUPDO
; 09509H <- 40h ; enable pullup for IO6
MOV
A,#040h
MOVX
@DPTR,A
MOV
DPTR,#SEL_IN
; 0950BH <- 05h ; map rxd2 to IO6
MOV
A,#005h
MOVX
@DPTR,A
MOV
SBAUDL2,#BaudrateLO ; set Baudrate (16 bits)
MOV
SBAUDH2,#BaudrateHI
MOV
SCON2,#050h
;
Set up uart2 serial port for Rx and Tx.
; ...
;-------------------------------------------------------------------------------
Timer 0
There is only Timer 0 present, Timer 1 is not implemented except for some flags in the TCON register, which
are also used for Timer 0. Furthermore, there is no counter mode available as the inputs T1 and INTO of the
standard 8051 are not mapped to external pins. The connection of Timer 0 in each of its four operating modes
is shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com