Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8268 Datasheet(PDF) 105 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 105 Page - ams AG

Back Button AS8268 Datasheet HTML 101Page - ams AG AS8268 Datasheet HTML 102Page - ams AG AS8268 Datasheet HTML 103Page - ams AG AS8268 Datasheet HTML 104Page - ams AG AS8268 Datasheet HTML 105Page - ams AG AS8268 Datasheet HTML 106Page - ams AG AS8268 Datasheet HTML 107Page - ams AG AS8268 Datasheet HTML 108Page - ams AG AS8268 Datasheet HTML 109Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 105 of 136
Boot Loader (BOOTLOAD)
After power-up the boot loader checks if the program memory (32kB Flash) is blank or if there is a program
available.
In case there is no program stored (no program length stored at 7FFFh and 7FFEh) the boot loader generates
‘SJMP$’ (Hex code: 80FEh) instruction address 0000h.
This guarantees a well defined behaviour after power-on.
In case there is a program stored in the Flash memory the boot load block loads also security information from
the upmost page of the Flash memory.
After the boot load the MCU will start to work.
The loaded program will be executed.
Watchdog Timer (WDT)
A watchdog timer is provided on-chip to automatically initiate a system reset if a ‘hold-off’ signal is not detected
within a predefined timeout period, by the watchdog.
The watchdog timer consists of a programmable timer driven either by the Mclk (main oscillator output
frequency), or the MCU clock (microcontroller unit clock). The watchdog timer timeout period is dependent
upon the programming of the WDTCLK register. When the watchdog times out, a reset signal is generated
which is OR-ed with the main system reset. Thus a watchdog timer reset is identical to a power on reset.
If the watchdog timer function is required, the watchdog is enabled by setting the WDTE register LSB (Bit 0).
As soon as this bit is enabled, the program must periodically access the WDTCLK register (either read or write)
to prevent the watchdog timer from timeout and thus resetting the device.
Register Name
Address
Reset Value
Description
WDTE
9180h
xxxx.xxx0b
Enables or disables the watchdog timer function
0: watchdog disabled
1: watchdog enabled
WDTCLK[1:0]
9181h
xxxx.xxx00b
A read or write access clears the watchdog timer. Writing
bits [1:0] selects the clock source.
x ........Don’t care
Watchdog Timer Enable Register (WDTE)
MSB
LSB
-
-
-
-
-
-
-
WDTE0
Bit
Symbol Function
7
-
Not used
6
-
Not used
5
-
Not used
4
-
Not used
3
-
Not used
2
-
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com