Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7421N Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7421N
Description  AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7421N Datasheet HTML 3Page - STMicroelectronics TDA7421N Datasheet HTML 4Page - STMicroelectronics TDA7421N Datasheet HTML 5Page - STMicroelectronics TDA7421N Datasheet HTML 6Page - STMicroelectronics TDA7421N Datasheet HTML 7Page - STMicroelectronics TDA7421N Datasheet HTML 8Page - STMicroelectronics TDA7421N Datasheet HTML 9Page - STMicroelectronics TDA7421N Datasheet HTML 10Page - STMicroelectronics TDA7421N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7/38
TDA7421N
ELECTRICAL CHARACTERISTICS
DC PARAMETERS (Tamb = 25°C; VCC = 8V, Vdd = 5V, no RF input unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
PLL VCC
PLL Supply Voltage
7.5
10
V
PLL ICC
PLL Supply Current
AM MODE
1.6
mA
FM MODE
3.0
mA
STBY MODE
mA
DIG Vdd
Digital Supply Voltage
4.75
5.25
V
DIG Idd
Digital Supply Current
AM MODE
4.6
mA
FM MODE
4.0
mA
STBY MODE
mA
RF VCC
RFSupply Voltage
7.5
10
V
RF ICC
RF Supply Current
AM MODE
27.0
mA
FM MODE
13.0
mA
STBY MODE
IF1 VCC
IF1 Supply Voltage
7.5
10
V
IF1 ICC
IF1 Supply Current
AM MODE
4.0
mA
FM MODE
22.0
mA
STBY MODE
mA
IF2 VCC
IF2 Supply Voltage
7.5
10
V
IF2 ICC
IF2 Supply Current
AM MODE
10.0
mA
FM MODE
28.0
mA
STBY MODE
mA
OSC VCC
Oscillator Supply Voltage
7.5
10
V
OSC ICC
Oscillator Supply Current
AM MODE
17.0
mA
FM MODE
81.0
mA
STBY MODE
mA
Voltage Controlled Oscillator (VCO)
Ref: FM Test Circuit, measure Vosc with high impedance FET probe
fVCOmin
Minimum VCO Frequency
Vtun = 0
Europe/USA
Japan
80.9
55
98.2
65.4
MHz
fVCOmax
Maximum VCO Frequency
Vtun = VCC
Europe/USA
Japan
123.2
79.2
128
90
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com