Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7421N Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7421N
Description  AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421N Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7421N Datasheet HTML 13Page - STMicroelectronics TDA7421N Datasheet HTML 14Page - STMicroelectronics TDA7421N Datasheet HTML 15Page - STMicroelectronics TDA7421N Datasheet HTML 16Page - STMicroelectronics TDA7421N Datasheet HTML 17Page - STMicroelectronics TDA7421N Datasheet HTML 18Page - STMicroelectronics TDA7421N Datasheet HTML 19Page - STMicroelectronics TDA7421N Datasheet HTML 20Page - STMicroelectronics TDA7421N Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
17/38
TDA7421N
1.0 FM SECTION
Featuring a single conversion configuration, it comprises a multi-stage IF limiter whose gain is I
2C controlled
and a quadrature demodulator with detuning and adjacent channel detectors. Signal meter and stop station
functions are also supported
2.0 AM SECTION
AM signal is converted by means of UP-DOWN configuration (IF1 = 10.7MHz, IF2 = 450KHz) and MW/LW
bands are covered.
3.0 PLL SECTION
Three operating modes are available:
They are user programmable with the mode PM registers.
3.1 Standby mode
It stops all functions. This allows low current consumption without loss of information in all registers. The pin LP-
OUT is forced to 0V in power on. All data registers are set to FE (11111110). The oscillator does not run in stand-
by mode.
3.2 FM and AM Operation
The FM or AM signal applies to a 32/33 prescaler, which is controlled by a 5 bit counter (A). The 5 bit register
(PC0 to PC4) controls this divider.
The output of the prescaler connects to a 11 bit divider (B). The 11 bit register (PC5 to PC15) controls the divider 'B'.
3.2.1 THREE STATE PHASE COMPARATOR
The phase comparator generates a phase error signal according to phase difference between fSYN and fREF.
This phase error signal drives the charge pump current generator.
3.2.2 CHARGE PUMP CURRENT GENERATOR
This stage generates signed pulses of current. The phase error signal decides the duration and polarity of those
pulses.The current absolute values are programmable by A0, A1, A2 registers for high current and B0, B1 reg-
isters for low current.
3.2.3 LOW NOISE CMOS OP-AMP
An internal voltage divider at pin VREF connects the positive input of the low noise Op-Amp.The charge pump
output connects the negative input. This internal amplifier in cooperation with external components can provide
an active filter. The negative input is switchable to three input pins (LPIN 1, LPIN 2 and LPIN 3), to increase the
flexibility in application.This feature allows two separate active filters for different applications.A logical "1" in the
LPIN 1/2 register activates pin LPIN 1, otherwise pin LPIN 2 is active. While the high current mode is activated
LPIN 3 is switched on.
PM0
PM1
Operating Mode
0
0
Standby
10
AM
0
1
not used
11
FM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com