Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7421N Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7421N
Description  AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421N Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7421N Datasheet HTML 29Page - STMicroelectronics TDA7421N Datasheet HTML 30Page - STMicroelectronics TDA7421N Datasheet HTML 31Page - STMicroelectronics TDA7421N Datasheet HTML 32Page - STMicroelectronics TDA7421N Datasheet HTML 33Page - STMicroelectronics TDA7421N Datasheet HTML 34Page - STMicroelectronics TDA7421N Datasheet HTML 35Page - STMicroelectronics TDA7421N Datasheet HTML 36Page - STMicroelectronics TDA7421N Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
33/38
TDA7421N
7.7 FRONT END ADJUSTMENT (subaddress 05H)
MSB
LSB
FUNCTION
ANA3
ANA2
ANA1
ANA0
RFA3
RFA2
RFA1
RFA0
ANT
adjustm ±
ANT
adjustm
MSB
ANT
adjustm
ANT
adjustm
LSB
RF
adjustm ±
RF
adjustm
MSB
RF
adjustm
RF
adjustm
LSB
Voffset RF varicap / VPLL
X
000
0
0001
-3.6%
0010
-7.2%
0100
-14.3%
0111
-25%
1001
3.6%
1010
7.2%
1100
14.3%
1111
25%
all combinations allowed
Voffset antenna varicap / VPLL
X
000
0
0001
-3.6%
0010
-7.2%
0100
-14.3%
0111
-25%
1001
3.6%
1010
7.2%
1100
14.3%
1111
25%
all combinations allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com