Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7421N Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7421N
Description  AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421N Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7421N Datasheet HTML 15Page - STMicroelectronics TDA7421N Datasheet HTML 16Page - STMicroelectronics TDA7421N Datasheet HTML 17Page - STMicroelectronics TDA7421N Datasheet HTML 18Page - STMicroelectronics TDA7421N Datasheet HTML 19Page - STMicroelectronics TDA7421N Datasheet HTML 20Page - STMicroelectronics TDA7421N Datasheet HTML 21Page - STMicroelectronics TDA7421N Datasheet HTML 22Page - STMicroelectronics TDA7421N Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
19/38
TDA7421N
4.1 Intermediate Frequency Main Counter (IFMC)
This counter is a 13-21 bit synchronous autoreload down-counter. Four bits are programmable to have the pos-
sibility for an adjust to the frequency of the IF filter.The counter length is automatically adjusted to the chosen
sampling time and the counter mode. At the start the counter will be loaded with a defined value which is an
equivalent to the divider value (tsample fIF).If a correct frequency is applied to the IF counter frequency inputs
IF-AM and IF-FM, at the end of the sampling time the main counter is changing its state from 0 to 1FFFFFH.This
is detected by a control logic. The frequency range inside which a successful count results is detected is adjust-
able setting bits EW 0, 1, 2.
4.2 Up-down counter filter
The information coming from the IF main counter control logic is shifted into a 5 bit up down counter circuit
clocked by the sampling time signal. At the start (rising edge of the IFENA signal) the counter is set to 10H and
the SSTOP signal is forced to "1".Only when the counter reaches the value 10H - step, SSTOP goes to "0".SS-
TOP will be "1" again, if the counter reaches the value 10h + step.
Figure 3. Charge Punp Logic
Figure 4. FM and AM operation (swallow mode)
CURR HIGH
LOCKENA
LOCK
CHARGE PUMP
CURRENT
D96AU548
REF OSC IN
REGISTER
R0 ...R15
DIVIDER
: R
PD
AM IN
FM IN
REGISTER
PC0 ...PC4
COUNTER
A
PRESCALER
32/33
REGISTER
PC5 ... P15
DIVIDER
: B
fref
fsyn
D96AU545
fosc
I
2C bus
I
2C bus
I
2C bus
(O/I)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com