Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR2H6 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STR712FR2H6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR2H6 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STR712FR2H6 Datasheet HTML 62Page - STMicroelectronics STR712FR2H6 Datasheet HTML 63Page - STMicroelectronics STR712FR2H6 Datasheet HTML 64Page - STMicroelectronics STR712FR2H6 Datasheet HTML 65Page - STMicroelectronics STR712FR2H6 Datasheet HTML 66Page - STMicroelectronics STR712FR2H6 Datasheet HTML 67Page - STMicroelectronics STR712FR2H6 Datasheet HTML 68Page - STMicroelectronics STR712FR2H6 Datasheet HTML 69Page - STMicroelectronics STR712FR2H6 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 77 page
background image
Electrical parameters
STR71xF
66/77
1.
Data based on characterisation, not tested in production.
ADC Accuracy vs. Negative Injection Current: Injecting negative current on any of the standard (non-
robust) analog input pins should be avoided as this significantly reduces the accuracy of the conversion
being performed on another analog input. It is recommended to add a Schottky diode (pin to ground) to
standard analog pins which may potentially inject negative current. The effect of negative injection current
on robust pins is specified in Section 5.3.5.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 5.3.5 does not
affect the ADC accuracy.
Figure 37.
ADC Accuracy Characteristics
Table 38.
ADC Accuracy with fPCLK2 = 20MHz, fADC=10MHz, AVDD=3.3V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ADC_DATA(0V)
Converted code when AIN=0V 1)
2370
2565
Dec-
imal
code
ADC_DATA(2.5V) Converted code when AIN=2.5V 1)
1480
1680
VCM
Center voltage of Sigma-Delta
Modulator1)
1.23
1.25
1.30
V
TUE
Total unadjusted error
In this type of ADC, calibration is necessary to correct
gain error and offset errors. Once calibrated, the TUE is
limited to the ILE.
|ED|
Differential linearity error1)
1.96
2.19
LSB
|EL|
Integral linearity error 1)
2.36
3.95
1LSBIDEAL
1LSB
IDEAL
AVDD
AVSS
–
4095
------------------------------------------------
=
VAIN (LSBIDEAL)
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) End point correlation line
ED=Differential Linearity Error: maximum deviation between actual steps and the
ideal one.
EL=Integral Linearity Error: maximum deviation between any actual transition and
the end point correlation line.
4095
4094
4093
5
4
3
2
1
0
123
4093 4094 4095
(1)
(2)
ED
EL
(3)
AVDD
AVSS
ADC_DATA(0V)
ADC_DATA(2.5V)
VCM
3100 3101 3102 3103
Out of range
1633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com