Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR2H6 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STR712FR2H6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR2H6 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STR712FR2H6 Datasheet HTML 8Page - STMicroelectronics STR712FR2H6 Datasheet HTML 9Page - STMicroelectronics STR712FR2H6 Datasheet HTML 10Page - STMicroelectronics STR712FR2H6 Datasheet HTML 11Page - STMicroelectronics STR712FR2H6 Datasheet HTML 12Page - STMicroelectronics STR712FR2H6 Datasheet HTML 13Page - STMicroelectronics STR712FR2H6 Datasheet HTML 14Page - STMicroelectronics STR712FR2H6 Datasheet HTML 15Page - STMicroelectronics STR712FR2H6 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
System architecture
STR71xF
12/77
Legend / abbreviations for Table 3:
Type:
I = input, O = output, S = supply, HiZ= high impedance,
In/Output level: C = CMOS 0.3VDD/0.7VDD
CT= CMOS 0.3VDD/0.7VDD with input trigger
TT= TTL 0.8V/2V with input trigger
C/T = Programmable levels: CMOS 0.3VDD/0.7VDD or TTL 0.8V / 2V
Port and control configuration:
Input:
pu/pd= software enabled internal pull-up or pull down
pu= in reset state, the internal 100k
Ω weak pull-up is enabled.
pd = in reset state, the internal 100k
Ω weak pull-down is enabled.
Output:
OD = open drain (logic level)
PP = push-pull
T = true OD, (P-Buffer and protection diode to VDD not implemented),
5V tolerant.
Table 2.
STR710 BGA ball connections
ABC
D
E
F
G
H
J
K
L
M
1
P0.10
P2.0
P2.1
VSS
P2.2
P2.6
BOOT
EN
P2.12
P2.13
P2.15
JTDI
N.C.
2
VSS
RDn
P0.11
V33
P2.3
P2.8
P2.9
JTMS
JTRST
n
TEST
TEST
N.C.
3
V33
P0.9
P0.12
P0.13
P2.4
N.C.
P2.10
JTCK
NU
V33
N.C.
DBG
RQS
4
P0.6
P0.7
P0.8
P0.14
P2.5
N.C.
P2.11
JTDO
CK
CKOUT
VSSIO-
PLL
N.C.
5
A.19
WEn.1
WEn.0
P0.5
P2.7
VSS
P2.14
N.C.
RTCX-
TO
RTCXTI
N.C.
P0.15
6
P0.3
A.15
A.16
A.17
A.18
V33
V18
N.C.
N.C.
V18BK
P
VSS
BKP
STDBY
7
P0.2
P0.1
P0.4
VSS18
V18
A.14
D.12
D.1
D.0
nc
VSS18
RSTIN
8
A.9
A.10
A.11
A.13
P0.0
A.0
D.11
P1.12/
CANTX
N.C.
AVSS
D.3
D.2
9
VSS
V33
A.5
A.6
V33
D.15
D.10
P1.8
D.9
P1.0
N.C.
N.C.
10
A.8
N.C.
P1.15
P1.13
VSS
D.14
USBDN
P1.7
D.8
P1.5
P1.1
D.4
11
A.7
N.C.
P1.14
P1.10
A.2
D.13
USBDP
VSS
D.5
P1.4
P1.3
AVDD
12
A.12
A.4
A.3
P1.9
A.1
P1.11/
CANRX
N.C.
V33IO-
PLL
P1.6
D.7
D.6
P1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com