Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR2H6 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STR712FR2H6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR2H6 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STR712FR2H6 Datasheet HTML 23Page - STMicroelectronics STR712FR2H6 Datasheet HTML 24Page - STMicroelectronics STR712FR2H6 Datasheet HTML 25Page - STMicroelectronics STR712FR2H6 Datasheet HTML 26Page - STMicroelectronics STR712FR2H6 Datasheet HTML 27Page - STMicroelectronics STR712FR2H6 Datasheet HTML 28Page - STMicroelectronics STR712FR2H6 Datasheet HTML 29Page - STMicroelectronics STR712FR2H6 Datasheet HTML 30Page - STMicroelectronics STR712FR2H6 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 77 page
background image
STR71xF
System architecture
27/77
52
B7
P0.0/S0.MISO
/U3.TX
I/O
pu
CT
4mA
X
X
Port 0.0
SPI0 Master
in/Slave out
data
UART3 Transmit data
output
Note: Programming AF function selects
UART by default. BSPI must be
enabled by SPI_EN bit in the BOOTCR
register.
53
B6
P0.1/S0.MOSI
/U3.RX
I/O
pu
CT X4mA X
X
Port 0.1
BSPI0: Master
out/Slave in
data
UART3: Receive Data
input
Note: Programming AF function selects
UART by default. BSPI must be
enabled by SPI_EN bit in the BOOTCR
register.
54
A5
P0.2/S0.SCLK
/I1.SCL
I/O
pu
CT X4mA X
X
Port 0.2
BSPI0: Serial
Clock
I2C1: Serial clock
Note: Programming AF function selects
I2C by default. BSPI must be enabled
by SPI_EN bit in the BOOTCR register.
55 C6
P0.3/S0.SS/I1
.SDA
I/O
pu
CT
4mA
X
X
Port 0.3
SPI0: Slave
Select input
active low.
I2C1: Serial Data
Note: Programming AF function selects
I2C by default. BSPI must be enabled
by SPI_EN bit in the BOOTCR register.
56
B5 P0.4/S1.MISO I/O
pu
CT
4mA
X
X
Port 0.4
SPI1: Master in/Slave out data
57
A4 VSS18
S
Stabilization for main voltage regulator.
58 C5 V18
S
Stabilization for main voltage regulator. Requires
external capacitors of at least 10µF + 33nF
between V18 and VSS18. See Figure 5.
59
B4 VSS
S
Ground voltage for digital I/Os
60
A3 P0.5/S1.MOSI I/O
pu
CT
4mA
X
X
Port 0.5
SPI1: Master out/Slave In data
61 D5 P0.6/S1.SCLK I/O
pu
CT X 4mA X
X
Port 0.6
SPI1: Serial Clock
62
B3 P0.7/S1.SS
I/O
pu
CT
4mA
X
X
Port 0.7
SPI1: Slave Select input active low
Table 6.
STR711/STR712/STR715 pin description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com