Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR2H6 Datasheet(PDF) 73 Page - STMicroelectronics

Part # STR712FR2H6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR2H6 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STR712FR2H6 Datasheet HTML 69Page - STMicroelectronics STR712FR2H6 Datasheet HTML 70Page - STMicroelectronics STR712FR2H6 Datasheet HTML 71Page - STMicroelectronics STR712FR2H6 Datasheet HTML 72Page - STMicroelectronics STR712FR2H6 Datasheet HTML 73Page - STMicroelectronics STR712FR2H6 Datasheet HTML 74Page - STMicroelectronics STR712FR2H6 Datasheet HTML 75Page - STMicroelectronics STR712FR2H6 Datasheet HTML 76Page - STMicroelectronics STR712FR2H6 Datasheet HTML 77Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 73 / 77 page
background image
STR71xF
Product history
73/77
Figure 46.
BGA144 STR710 version “Z”
Figure 47.
BGA64 STR711 version “X”
R710Z2H6
2208JVG Z
MLT 22 551
R711R1H6
2208JVG
MLT225571
X
Table 40.
A, Z and X version differences
Feature
A version
Z version
X version
ARM7TDMI core device
Identification (ID) code register
(see ARM7TDMI Technical
Reference Manual)
Version bits [31:28] =
0001
Version bits [31:28] = 0010
Version bits [31:28] =
0010
Low power mode consumption in
STOP mode at 25 °C
Not guaranteed
Typical 49 µA
50 µA maximum at 25°C.
Less than 30 µA at 25 °C
for 99.730020% of parts
Same as Z.
SC.DATA pin
Not TRUE open drain
When addressing 5V cards, the SCDATA
Line must be connected to an open drain buffer.
Pin
P0.10/U1.RX/U1.TX/SC.
DATA has been modified
to offer TRUE OPEN
DRAIN functionality
when in SmartCard
mode. When addressing
5V cards, the SCDATA
line can now be
connected directly to the
card I/O. This
modification is backward
compatible with previous
designs, and no board
modification is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com