Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9215 Datasheet(PDF) 11 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # GS9215
Description  High Performance Single Synchronous Buck Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

GS9215 Datasheet(HTML) 11 Page - NIKO SEMICONDUCTOR CO., LTD.

Back Button GS9215 Datasheet HTML 7Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 8Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 9Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 10Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 11Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 12Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 13Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 14Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 15Page - NIKO SEMICONDUCTOR CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Rev.:0P12 (Preliminary Specification)
11
Aug-12
GStek series
NIKO-SEM
GStek series
High Performance Single Synchronous
Buck Converter
GS9215
Power on from EN (CCM Mode, No Load)
CH1:VOUT CH2:PHASE CH3:EN CH4:PGOOD
Power on from EN (DEM Mode, No Load)
CH1:VOUT CH2:PHASE CH3:EN CH4:PGOOD
Power on from EN (15A Load)
CH1:VOUT CH2:IOUT CH3:UGATE CH4:PGOOD
Power on from EN (73 mΩ Load)
CH1:VOUT CH2:IOUT CH3:UGATE CH4:PGOOD
OVP
CH1:VOUT CH2:UGATE CH3:LGATE CH4:PGOO
UVP
CH1:VOUT CH2:IOUT CH3:UGATE CH4:LGATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com