Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9215 Datasheet(PDF) 13 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # GS9215
Description  High Performance Single Synchronous Buck Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

GS9215 Datasheet(HTML) 13 Page - NIKO SEMICONDUCTOR CO., LTD.

Back Button GS9215 Datasheet HTML 9Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 10Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 11Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 12Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 13Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 14Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 15Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 16Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 17Page - NIKO SEMICONDUCTOR CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Rev.:0P12 (Preliminary Specification)
13
Aug-12
GStek series
NIKO-SEM
GStek series
High Performance Single Synchronous
Buck Converter
GS9215
Application Information
The GS9215 is small size chip with a relative
constant on-time synchronous buck Converter
suitable for applications in notebook computers
and other battery operated portable devices.
Features include very wide input voltage range,
high efficiency and a fast dynamic response with
internal fast response scheme.
System Clock Generator and PWM Control
The on-time of GS9215 can be set by an external
setting resistor from external Battery input voltage to
TON pin and a sampled output voltage. The
controller maintains the duty-circle as loop feedback
path exists between the GS9215 controller, the
integrated power MOSFET, low pass filter and
voltage divider. For a given VIN to given VOUT buck
application, the feedback maintains the constant
duty-cycle. Due to the constant resistor, battery
voltage and relative constant sampled output voltage,
the GS9215 based buck converter has the relative
constant frequency. Moreover, the GS9215 can
increase the duty-cycle automatically as battery
voltage falls down. Because of the constant on-time
in each switching period, the controller maintains the
relative frequency when the battery input voltage
changes.
At the beginning of each switching cycle, upper
power MOSFET is turned on, after typical fixed
on-time, the upper MOSFET is turned off, and then
lower power MOSFET is turned on after internal
dead time. The upper MOSFET will not be turned on
at the beginning of next cycle until output voltage falls
down below the preset voltage and the dead time
passes. The same events repeat the following
switching cycles. To avoid the surge inductor current
during large load transient, a minimum Off-time is
added. Typical minimum off-time is around 420ns.
High Side Switch On-Time Count
The on-time is decided by the external setting resistor,
battery input voltage and output voltage. Looking at the
TON pin, the battery input voltage is converted to
current which is inversely proportional to itself by
dividing the external setting resistor. Simultaneously,
the sample and hold module inside the chip samples
the output voltage at each switching cycle. The input
voltage-proportional current is used to charge an
internal capacitor from zero volts. When the voltage
between two terminals of the capacitor reaches to the
sampled output voltage, on-time one-shot pulse is
generated, and then upper power MOSFET is turned off
and lower power MOSFET is turned on.
We can count the on-time and switching frequency
according to the equations below:
TON=8.22p×RTON×VOUT/ (VIN-0.8)
Here, the VOUT is the sampled output voltage of VOUT
PIN.For output voltalge VOUT<2.5V, the VOUT Voltage
connects to VOUT PIN directly(refers to Figure 1a), the
VOUT = VOUT(0.7~2.5). For output voltalge VOUT >2.5V,
the VOUT Voltage connects to VOUT PIN through the
dividing resistors RVO1 and RVO2(refers to Figure 1b),
the typical VOUT is set to 2.5V, choose the RVO1 and
RVO2 as follows: VOUT=Vout*RVO2/(RVO1+RVO2).
Then, the switching frequency is:
Fsw=VOUT/ (VIN×TON)
RTON is a resistor connected from the input supply
(VIN) to the TON pin.
For heavy load (more than 10A) application, due to
ground bounced and the high impedance of RTON, the
TON pin should always be bypassed to GND using a
several nF-order ceramic capacitor for reliable system
operation.
EN/DEM,
DEM
Mode
and
Shutdown
Soft-Discharge
The EN/DEM pin enables the power supply. When



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com