Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9215 Datasheet(PDF) 15 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # GS9215
Description  High Performance Single Synchronous Buck Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

GS9215 Datasheet(HTML) 15 Page - NIKO SEMICONDUCTOR CO., LTD.

Back Button GS9215 Datasheet HTML 10Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 11Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 12Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 13Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 14Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 15Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 16Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 17Page - NIKO SEMICONDUCTOR CO., LTD. GS9215 Datasheet HTML 18Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Rev.:0P12 (Preliminary Specification)
15
Aug-12
GStek series
NIKO-SEM
GStek series
High Performance Single Synchronous
Buck Converter
GS9215
system applications.
Output Over Voltage Protection
When the output voltage rises up to 125% of the
preset voltage, the internal fault-logic module delays
about 20us and turns on the low side Power
MOSFET. It stays latched on and the GS9215 is
latched off until Power Reset or EN Reset.
Output Under Voltage Protection
When the output voltage falls down to 70% of the
preset voltage, the internal fault-logic module counts
256-CLKS and turns off both the high side and low
side Power MOSFETs. Both switches stay latched off
and the GS9215 is latched off until Power Reset or
EN Reset. During soft-start, the UVP will be blanked
around 512CLKS. But if the output voltage rises up
above the UVP threshold tolerance during the
counter period, the UVP counter is released
immediately.
UVLO and Soft-Start
An internal under voltage lockout (UVLO) module is
used to sense the VDD power supply. The PWM
controller is forbidden by the under voltage lockout
module when VDD rises above 4.3V, the GS9215 will
initial the control logic circuitries and soft-start
ramping generator, and then allows switching to
occur if both the device and VIN power Supply is
enabled. When VDD falls down to 3.9V, the PWM
controller is forbidden again. At this time, both sides
drive signal UGATE and LGATE are low.
After soft-start module starting, the GS9215
controller will limit the output current by 3-step
current limiting logic cycle by cycle over a
predetermined time period of 512CLKS. After UV
blanking time (512CLKS), the output under voltage
protection and power good indicator is enabled.
Power MOSFET Gate Drivers
The GS9215 has UGATE and LGATE drivers built-in,
which can drive two large external N-type MOSFET
used as high side and low side. External Boost diode
and capacitor are need to power the internal floating
drive module, A dead-time circuit is added to monitor
the UGATE output and to prevent the high-side
MOSFET from turning on until LGATE is fully off. The
internal pull-down transistor that drives LGATE low is
robust with a 0.5ohm typical on-resistance. The
instantaneous drive current is supplied by the flying
capacitor between VDDP and PGND. The dead-time
circuit also monitors the LGATE output and prevents
the low-side MOSFET from turning on until UGATE is
fully off. The typical dead time from UGATE-falling to
LGATE-rising is about 50ns.The typical dead time from
LGATE-falling to UGATE-rising is about 40ns.
External Devices Selection
For loop stability, the 0 dB frequency (f0), defined in the
follow equation:
4
f
C
RESR
2
1
f
SW
OUT
0
The loop stability is determined by the output capacitor.
Specialty polymer capacitors have COUT in the order of
several 100uF and RESR in range of 10mohm is
recommended. However, ceramic capacitors have f0 at
more than 700 KHz, which is not recommended.
In order for the right regulate manner, the ripple voltage
at the feedback pin (FB), should be approximately
15mV. This generates Vripple= (VOUT/0.7) ×15mV at
the output node. The output capacitor RESR should
meet this equation.
The external device selection is list below:
Choose Feedback Voltage Divider Resistor
Set R5=1K~10K ohm
5
R
7
0
7
0
V
6
R
OUT
.
)
.
(
For output voltage Vout > 2.5V, Set VOUT PIN’s
voltage VOUT=2.5V.
Choose RVO2=1K~10K ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com