Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE83005 Datasheet(PDF) 4 Page - King blillion Electronics Co.,Ltd.

Part # HE83005
Description  8-BIT MICRO-CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83005 Datasheet(HTML) 4 Page - King blillion Electronics Co.,Ltd.

  HE83005 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE83005
HE80000 SERIES
July 28, 2003
4
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Pin Name I/O
Description
device.
VO
O Current DAC Output.
OPIN
I Inverting input of OP Amp.
OPIP
I Non-inverting input of OP Amp.
OPO
O Output of OP Amp.
VDD
P
Positive power Input. A 0.1 µF decoupling capacitors should be placed as close to IC VDD
and GND pads as possible for best decoupling effect.
GND
P Power ground Input.
I: Input, O: Output, B: Bidirectional, P: Power.
5. Oscillators
The MCU is equipped with two clock sources with a variety of selections on the types of oscillators to
choose from. System designer can select oscillator types based on the cost target, timing accuracy
requirements etc. Crystal, Resonator or the RC oscillator can be used as fast clock source, components
should be placed as close to the pins as possible. The type of oscillator used is selected by mask option
MO_FXTAL.
FXI (Bi-direction), FXO (Output)
Mask Option
Description
MO_FXTAL
0: RC Oscillator.
1: Crystal Oscillator.
MO_FCK
0: Fast clock disable
1: Fast clock enable
SXI (Bi-direction), SXO (Output)
Two types of oscillator, crystal and RC, can be used as slow clock selectable by mask option
MO_SXTAL. If used time keeping function or other applications that required the accurate timing, crystal
oscillator is recommended. If the timing accuracy is not important, then RC type oscillator can be used to
save cost.
VDD
FXI
FXO
FXI
R
C
X'tal
10P
10P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com