Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE83005 Datasheet(PDF) 11 Page - King blillion Electronics Co.,Ltd.

Part # HE83005
Description  8-BIT MICRO-CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83005 Datasheet(HTML) 11 Page - King blillion Electronics Co.,Ltd.

Back Button HE83005 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE83005
HE80000 SERIES
July 28, 2003
11
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
VO/DAO
VDD=3V;VO=0~2V;Data=7Fh
2.5
3
mA
CPU
bias &
filter
circuit
VDD
VO(DAO)
SPEAKER
The PWM output volume can be adjusted by command register PWMC[6..4]. The PWMC[6] and
PWMC[5] control 2 time driver, while PWMC [4] controls 1 time driver, thus it has maximum 5 levels of
driver output. The sound volume of PWM output can be controlled by these PWMC[6..4] bits. Please
note that this adjustment only apply to PWM. When the system enters into sleep mode or idle mode, it
will automatically disable all voice outputs by clearing VOC[6..0] to ”0000000”. To activate voice
output again when returning to normal mode, the VOC register needs to be set again.
PWMC[6..4] Number of PWM Output Driver
000
off
001
1
010
2
011
3
100
2
101
3
110
4
111
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com