Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE83005 Datasheet(PDF) 5 Page - King blillion Electronics Co.,Ltd.

Part # HE83005
Description  8-BIT MICRO-CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83005 Datasheet(HTML) 5 Page - King blillion Electronics Co.,Ltd.

  HE83005 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE83005
HE80000 SERIES
July 28, 2003
5
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
SXI
SXI
SXO
SXO
Crystal Osc.
RC Osc.
Mask Option
Description
MO_SXTAL
0: RC Oscillator.
1: Crystal Oscillator.
MO_SCKN
0: Slow clock enable
1: Slow clock disable
With two clock sources available, the system can switch among operation modes of Normal, Slow, Idle,
and Sleep modes by the setting of OP1 and OP2 registers as shown in tables below to suit the needs of
application such as power saving, etc.
OP1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Field
DRDY
STOP
SLOW
INTE
T2E
T1E
Z
C
Mode
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
1
0
0
0
0
0
-
-
OP2
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Field
IDLE
PNWK
TCWK
-
-
Mode
R/W
R
R
-
-
-
-
-
Reset
0
-
-
-
-
-
-
-
6. General Purpose I/O
The PRTC[7..0] and PRTD[7..0] are dedicated general purpose I/O port. All the I/O ports are
bi-directional and non-tristate output structure. The output has weak sourcing (50µA) and stronger
sinking (1mA) capability and each can be configured as push-pull or open-drain output structure
individually by mask option.
When the I/O port is used as input, the weakly high sourcing can be used as weakly pull-up. Open drain
can be used if the pull-up is not required and let the external driver to drive the pin. Please note that a
floating pad could cause more power consumption since the noise could interfere with the circuit and
cause the input to toggle. A ‘1’ needs to be written to port first before reading the input data from the I/O
pin. If the PMOS is used as pull-up, care should be taken to avoid the constant power drain by DC path
between pull-up and external circuit.
The input port has built-in Schmidt trigger to prevent it from chattering. The hysteresis level of Schmidt
trigger is 1/3*VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com