Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE83005 Datasheet(PDF) 10 Page - King blillion Electronics Co.,Ltd.

Part # HE83005
Description  8-BIT MICRO-CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83005 Datasheet(HTML) 10 Page - King blillion Electronics Co.,Ltd.

Back Button HE83005 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE83005
HE80000 SERIES
July 28, 2003
10
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
VOC
VOC[2]
VOC[1]
Output Function
0
0
All Disabled
0
1
VO
1
0
PWM
1
1
PWM+VO
PWMC register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DAC & PWM Data
0
DAC and PWM output value
Control
1
PWM O/P driver
Reserved
PWME
In the PWMC register, the PWMC[7] bit determines the written PWMC[6..0] value is PWM/DAC data or
commands. If the PWMC[1] is ‘0’, the PWMC[6..0] is stored into the data register, otherwise
PWMC[6..0] is stored into command register shown on the above diagram. The command register
controls the PWM output driver current and its enable/disable. If user want to enable the PWM function,
both VOC[2] and PWME bits shall be set to ‘1’.
The fast clock is used to provide as PWM driver time base, and user shall set the PWMC[7]=’1’ and
VOC[2]=’1’ to enable the PWM output. When the system enters into sleep or idle mode, it will
automatically turn off the voice device by clearing VOC[2:0] to ”000”. In order to activate voice output
again when the system returns and enters into normal mode, the related bits of VOC register need to be
set again.
Data=0x40h
Data=0x10h
Data=0x70h
subframe
PWM
When the DAC is used as sound generator, the bias & filter circuit is used for bias voltage setting and
waveform filter regulation and the DAC is output to the VO (Voice Output) pin and please see application
notes for detailed calculation example and application. The driving capability of DAC is shown below.
Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com