Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9245BPC Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9245BPC
Description  Multi-Phase PWM Controller for K8 CPU Core Power Supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9245BPC Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9245BPC Datasheet HTML 8Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 9Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 10Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 11Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 12Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 13Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 14Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 15Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
RT9245B
12
DS9245B-02
March 2007
www.richtek.com
Figure 3 is the test circuit for GM. We apply test signal at
GM inputs and observe its signal process output at ADJ
pin. Figure 4 shows the variation of signal processing of
all channels. We observe zero offsets and good linearity
between phases.
Figure 4. The Linearity of GMx
Figure 5 shows the time sharing technique of GM amplifier.
We apply test signal at phase 4 and observe the waveforms
at both pins of GM amplifier. The waveforms show time
sharing mechanism and the perfomance of GM to hold
both input pins equal when the shared time is on.
Over Current Protection
RT9245B uses an external resistor RIMAX to set a
programmable over current trip point. OCP comparator
compares each inductor current with this reference current.
RT9245B uses hiccup mode to eliminate fault detection
of OCP or reduce output current when output is shorted
to ground.
Figure 6. Over Current Comparator
+
-
1/3 IX
1/2 IIMAX
OCP Comparator
Figure 3. The Test Circuit of GM
Figure 5
Time Sharing of GM
Time (1
µs/Div)
PWM3
VCSP4
and
VCSN
CH1:(2V/Div)
CH2:(50mV/Div)
CH3:(50mV/Div)
VCSP4
VCSN
The differential sensing GM amplifier converts the voltage
on the sense component (can be a sense resistor or the
DCR of the inductor) to current signal into internal circuit
(see Figure 2).
Figure 2. Current Sense Circuit
CSN
C
X
L
C
R
V
I
I
DCR
V
C
R
DCR
L
=
×
=
×
=
L
DCR
R
RCSN
GMx
Ix
C
+
-
+VC-
RCSN
1k
GM
Ix
VC
+
-
CSPX
CSN
MUX
SUM/M
RADJ
1k
ADJ
+
VADJ
-
OCP
Setting
VIMX
RIMX
GM
0
50
100
150
200
250
300
0
25
50
75
100
125
150
VC (mV)
CSN
L
IMAX
IMAX
R
DCR
x
I
x
3
1
R
V
x
2
1
⇔



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com