Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9245BPC Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT9245BPC
Description  Multi-Phase PWM Controller for K8 CPU Core Power Supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9245BPC Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT9245BPC Datasheet HTML 14Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 15Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 16Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 17Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 18Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 19Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 20Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 21Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 22Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
RT9245B
18
DS9245B-02
March 2007
www.richtek.com
Design Procedure Suggestion
a.Output filter pole and zero (Inductor, output capacitor
value & ESR).
b.Error amplifier compensation & sawtooth wave amp-
litude (compensation network).
c.Kelvin sense for VCORE.
Current Loop Setting
a.GM amplifier S/H current (current sense component
DCR, CSN pin external resistor value).
b.Over-current protection trip point (RIMAX resistor).
VRM Load Line Setting
a.Droop amplitude (ADJ pin resistor).
b.No load offset (RCSN2)
c.DAC offset voltage setting (VOSS pin & compen- sation
network resistor RB1).
Power Sequence & SS
DVD pin external resistor and SS pin capacitor.
PCB Layout
a.Kelvin sense for current sense GM amplifier input.
b.Refer to layout guide for other items.
Voltage Loop Setting
Design Example
Given:
Apply for four phase converter
VIN = 12V
VCORE = 1.4V
ILOAD = 30A to 125A
VDROOP = 95mV with load (1m
Ω Load Line)
OCP trip point set at 40A for each channel (S/H)
DCR = 0.6m
Ω of inductor at 25°C
L = 0.3
µH
COUT = 5600
µF with 1mΩ equivalent ESR.
Figure 27. EA Frequency Response with closed loop gain set at 0db to observe gain-bandwidth product; -3dB at
10.86MHz
0dB
180
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com