Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9245BPC Datasheet(PDF) 17 Page - Richtek Technology Corporation

Part # RT9245BPC
Description  Multi-Phase PWM Controller for K8 CPU Core Power Supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9245BPC Datasheet(HTML) 17 Page - Richtek Technology Corporation

Back Button RT9245BPC Datasheet HTML 13Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 14Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 15Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 16Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 17Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 18Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 19Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 20Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 21Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
RT9245B
17
DS9245B-02
March 2007
www.richtek.com
Error Amplifier Characteristic
For fast response of converter to meet stringent output
current transient response, RT9245B provides large slew
rate capability and high gain-bandwidth performance.
Figure 24. EA Rising Transient with 10pF Loading; Slew
Rate = 8V/us
CH1:(500mV/Div)
CH2:(2V/Div)
EA Falling Slew Rate
Time (250ns/Div)
VCOMP
VFB
Figure 25. EA Falling Transient with 10pF Loading;
Slew Rate = 8V/us
CH1:(500mV/Div)
CH2:(2V/Div)
EA Rising Slew Rate
Time (250ns/Div)
VCOMP
VFB
Figure 26. Gain-Bandwidth Measurement by signal A
divided by signal B
+
-
EA
4.7k
B
A
VDAC
4.7k
PGOOD
V
(SS)
V
OUT
OV
Figure 23. Waveform for OV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com