Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9245BPC Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT9245BPC
Description  Multi-Phase PWM Controller for K8 CPU Core Power Supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9245BPC Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT9245BPC Datasheet HTML 12Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 13Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 14Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 15Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 16Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 17Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 18Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 19Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
RT9245B
16
DS9245B-02
March 2007
www.richtek.com
PGOOD Function
During start-up, RT9245B will detect 5VCC and 12VIN
(through DVD pin). In Figure 21, 5VCC or 12VIN is not ready
during T1. V(SS) (in Figure 20) is pulled to GND by FAULT.
V(EAP) is also equal to GND. V(FB) and VOUT will try to
follow V(EAP) thus both V(FB) and VOUT are equal to GND
during T1. During T2, both 5VCC and 12VIN are ready,
FAULT = low, OPSS starts charging up CSS. In the design
of RT9245B, ISS (the maximal current sink and source
capability of OPSS) is limited and time-variant. During T2
(V1 = 0.4V > V(SS) > 0), ISS(T2) is equal to about 10uA.
After V(SS) > V1, ISS changes to about 20uA. The rising
speed of V(SS) becomes about 2 times faster than in T1.
In Figure 20, MOSFET N1 will turn on only if V(SS) > VTH_N1
(threshold voltage of N1)
≅ 0.7V = V2. Before N1 turns
on, V(EAP) is still 0V.
After V(SS) > V2, MOSFET N1 turns on, V(EAP) starts rising.
ISS(T4) is still equal to about 20uA. V(SS,EAP) is equal to
VTH_N1. Due to the body effect of MOSFET N1, VTH_N1
increases with higher V(EAP). For example, if VOUT target
is 1.4V, V(SS,EAP) will be equal to about 0.7V at the
beginning of T4 and equal to about 1.1V at the end of T4.
At the end of T4, VOUT is very close to the target (within
the range of
±40mV). An internal 1ms timer starts. After
about 1ms(T5), The open-drain output PGOOD releases.
After PGOOD releases, ISS(T6) becomes about 320uA to
accelerate OPSS. RT9245B enters normal operation mode
and is capable to follow VID on the fly.
When any of the fault conditions happens, V(SS) and
PGOODwill be pulled low immediately. If the fault condition
is one of 5VCC low, DVD low, OC or VID_OFF, RT9245B
will try to turn off both high side MOSFET and low side
MOSFET. VOUT will fall slowly to avoid negative VOUT. The
typical waveform is shown in Figure 22.
SS
4
SS(T2)
SS
C
x
4x10
I
V1
x
C
T2
≅
=
SS
4
SS(T3)
SS
C
x
1.5x10
I
V1)
-
(V2
x
C
T3
≅
=
SS
4
SS(T4)
SS
C
x
9x10
I
V2)
-
(V4
x
C
T4
≅
=
+
-
COMP
FB
Z2
Z1
+
-
SS
V
OUT
5V
CC
V
DAC
FAULT
C
SS
EAP
EA
OPSS
N1
Figure 20. Soft Start Circuit
Figure 22. Waveform for 5VCC_Low, DVD_Low, OC or
VID_OFF
PGOOD
V
(SS)
V
OUT
5V
CC
_Low + DVD_Low + OC + VID_OFF
V1
V2
V3
V4
T3
T2
T4
T5
T6
5V
CC
_ready
and DVD_ready
PGOOD
V
(SS)
V
OUT
T1
Figure 21. Soft Start Waveform
If the fault condition is OV, V(SS) and PGOOD will be pulled
low immediately also. RT9245B will try to turn on low
side MOSFET and turn off high side MOSFET. VOUT will
fall quickly to protect CPU from high voltage. The typical
waveform is shown in Figure 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com