Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN8370SSC-R1 Datasheet(PDF) 3 Page - Wuxi Chipown Micro-electronics limited

Part # PN8370SSC-R1
Description  Low Standby-Power Quasi-Resonant Primary-Side Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8370SSC-R1 Datasheet(HTML) 3 Page - Wuxi Chipown Micro-electronics limited

  PN8370SSC-R1 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PN8370
13/F, Building C, Wangzhuang Technology Innovation Center, Longshan Road,New District, Wuxi
Tel: +86(510)85217718 http://www.chipown.com.cn
Rev.A.1507 3 / 10
Electrical Characteristics
Table 3. Power section (T
J =25°C, VDD = 21 V; unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VBVDSS
Break-down voltage
ISW = 250uA
650
700
V
IOFF
Off-state drain current
VSW = 500V
100
uA
RDS(on)
Drain-source on state
resistance
ISW = 1A, TJ = 25℃
2.5
Ω
VSW_START
Start up threshold
VDD=VDDon - 1V
30
V
Table 4. Supply section (T
J =25°C, VDD = 21 V; unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage Section
VDD
Operating voltage range
8
30
V
VDDon
VDD start up threshold
14.5
16.5
18.5
V
VDDoff
VDD under voltage shutdown
threshold
7.5
8.5
9.5
V
VDDovp
VDD over voltage protect
30
34
38
V
Supply Current Section
IDD0_CH
VDD charge current
VDD=VDDon - 1V, Vsw=100V
1.5
mA
IDD
Operating current, switching
VDD = VDDon +1V
0.5
mA
IDD_FAULT
Operating current after fault
VDD=15V after fault
0.5
mA
Table 5. Controller section (T
J = 25°C, VDD = 21 V; unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Current Sense Section
VTH_OC
Current sense threshold
485
500
515
mV
VTH_OC_MAX
Maximum Current sense
threshold
550
mV
Vcs_min
Minimum CS threshold
170
mV
TLEB
Leading Edge Blanking time
300
ns
Tonmax
Maximum Ton
50
us
TD_OC
OCP propagation delay
100
ns
FB Section
VREF_CV
Reference voltage for
feedback threshold
2.475
2.5
2.525
V
VFBOVP
Output over voltage
protection threshold
2.85
3
3.15
V
VUVP
Output under voltage
threshold
1.55
V
Icable
Maximum cable
compensation current
VFB=0V
22
24
26
uA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com